データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R8331T

  • AI
    The **BL-R8331T** is a highly integrated IEEE 802.11b/g/n WLAN module, commonly used in IoT devices, smart TVs, and OTT boxes. It is based on the **Realtek RTL8188FTV** chipset and utilizes a USB 2.0 interface. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 (High Speed) | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna Type** | External (via Pin) or PCB Trace | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | --- ### 2. Main Components & Architecture The module consists of several critical electronic sections: * **RTL8188FTV IC:** The "brain" of the module. It combines a MAC (Media Access Control), a 1T1R (1 Transmit, 1 Receive) Baseband, and an RF front end. * **Crystal Oscillator (40MHz):** Provides the high-precision clock signal necessary for RF frequency synthesis and data processing. * **EEPROM/Internal OTP:** Used for storing calibration data, MAC address, and vendor-specific IDs. * **RF Front End:** Includes a low-noise amplifier (LNA) for receiving signals and a power amplifier (PA) for transmitting signals. * **Power Management Unit (PMU):** Regulates the incoming 3.3V supply to the lower voltages required by the core logic. --- ### 3. Pin Definition (Typical 6-Pin Configuration) The module typically interfaces with the host system (like an Android board or MCU) via a header or SMT pads: | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Power Supply | | 2 | **DM** | USB Data - | | 3 | **DP** | USB Data + | | 4 | **GND** | Ground | | 5 | **RST** | Reset (Active Low) | | 6 | **ANT** | RF Output to Antenna | --- ### 4. Implementation Example To interface this module with a microprocessor, the following basic circuit is used: ```markdown [Host CPU] <----USB 2.0----> [BL-R8331T Module] | | 3.3V Line ----[Capacitor]----- VCC | | GND -------------------------- GND ``` **Design Note:** It is critical to place a decoupling capacitor (typically 10uF and 0.1uF) near the VCC pin to filter out electrical noise from the USB power line.
    ✨ Follow-up Questions
    • ⤷ What are the driver requirements for the RTL8188FTV chipset on Linux?
    • ⤷ How does the power consumption vary between Idle and Transmit modes?
    • ⤷ What is the maximum range of the BL-R8331T in an open environment?