データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R9122

  • AI
    ## Overview of the BL-R9122 Module The **BL-R9122** is a highly integrated, low-power **Wi-Fi + Bluetooth (BLE)** combo module. It is commonly used in IoT (Internet of Things) devices, smart home appliances, and consumer electronics to provide wireless connectivity. The module is typically based on a Realtek chipset (often the **RTL8720** series) and supports both the 2.4GHz Wi-Fi band and Bluetooth Low Energy (BLE) 5.0. --- ### Key Specifications The following table highlights the primary electronic characteristics of the BL-R9122: | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8720CF / Similar | | **Wi-Fi Standard** | IEEE 802.11 b/g/n | | **Bluetooth Standard** | Bluetooth 5.0 Low Energy (BLE) | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Operating Voltage** | 3.0V ~ 3.6V (Typical: 3.3V) | | **Host Interface** | UART / GPIO / PWM / I2C / SPI | | **Antenna Type** | PCB Antenna or IPEX Connector | | **Dimensions** | Approx. 12mm x 12mm (depending on specific PCB layout) | --- ### Internal Electronic Components The module consists of several critical electronic sub-systems: 1. **MCU (Microcontroller Unit):** An ARM Cortex-M4 or similar processor that handles the protocol stacks and user applications. 2. **RF Front-End:** Includes the Power Amplifier (PA) for transmission and the Low Noise Amplifier (LNA) for reception. 3. **Power Management Unit (PMU):** Integrated LDOs and DC-DC converters to manage power efficiency across different sleep modes. 4. **Crystal Oscillator:** Usually a 40MHz crystal provides the clock source for the RF and processing units. 5. **Flash Memory:** Integrated memory for storing firmware, security keys, and user data. --- ### Pin Functions and Connectivity The BL-R9122 provides a variety of pins for interfacing with external sensors or microcontrollers: * **UART:** Used for AT command control or debugging. * **PWM:** Used for controlling LED brightness or motor speeds. * **ADC:** For reading analog sensor data. * **GPIO:** General purpose input/output for buttons or relays. --- ### Application Circuit Example In a typical circuit, the BL-R9122 requires minimal external components: ```c // Typical Connection Logic [VCC 3.3V] ----> [BL-R9122 VDD] [GND] ----> [BL-R9122 GND] [Host TX] ----> [BL-R9122 RX] [Host RX] <---- [BL-R9122 TX] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum data rate for Wi-Fi on the BL-R9122?
    • ⤷ Does this module support dual-band 5GHz Wi-Fi?
    • ⤷ Which firmware tools are used to program the BL-R9122?