データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BL-R9132F

  • AI
    ### BL-R9132F Module Technical Overview The **BL-R9132F** is a highly integrated, low-power, single-stream (1x1) Wi-Fi and Bluetooth combo module. It is widely used in IoT devices, smart home appliances, and low-cost wireless connectivity solutions. --- ### 1. Key Electronic Components & Architecture The module is built around a System-on-Chip (SoC) that integrates several critical subsystems: | Component | Description | | :--- | :--- | | **Main SoC** | Typically based on the **Realtek RTL8723DS** or similar architecture. | | **Wi-Fi Core** | Supports IEEE 802.11b/g/n protocols (2.4GHz). | | **Bluetooth Core** | Supports Dual Mode: Bluetooth v2.1/4.2 (BR/EDR + Low Energy). | | **Interface** | SDIO 1.1/2.0 for Wi-Fi and UART/PCM for Bluetooth. | | **Crystal Oscillator** | Usually a 26MHz or 40MHz reference clock for timing accuracy. | | **RF Front End** | Integrated PA (Power Amplifier) and LNA (Low Noise Amplifier). | --- ### 2. Hardware Specifications Below are the primary electrical and physical characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 3.3V (Typical) | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rate (Wi-Fi)** | Up to 150Mbps (802.11n) | | **Data Rate (BT)** | 1Mbps, 2Mbps, and up to 3Mbps | | **Antenna Type** | External via I-PEX (MHF) connector or PCB Trace antenna | | **Modulation** | DSSS, OFDM, DBPSK, DQPSK, CCK, 64-QAM | --- ### 3. Pin Definition & Signal Interface The BL-R9132F uses a stamp-hole (LCC) design for SMD mounting. The primary signals include: 1. **SDIO Interface**: Used for high-speed Wi-Fi data transfer between the host processor and the module. 2. **UART Interface**: Standard interface for Bluetooth HCI (Host Controller Interface) commands. 3. **PCM/I2S**: Used for Bluetooth audio data routing. 4. **Control Pins**: * `CHIP_EN`: Enables or disables the module (Active High). * `WL_WAKE_HOST`: Wakes the host CPU from sleep when Wi-Fi data is received. * `BT_WAKE_HOST`: Wakes the host CPU for Bluetooth events. --- ### 4. RF Performance Data The module is designed for stability across various environments: * **Transmit Power**: * 11b: 17dBm ± 1.5dBm * 11g: 14dBm ± 1.5dBm * 11n: 13dBm ± 1.5dBm * **Receiver Sensitivity**: * -82dBm @ 54Mbps * -70dBm @ MCS7 (HT20) ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels during deep sleep mode?
    • ⤷ Is this module compatible with Linux and Android kernels?
    • ⤷ How do I wire the I-PEX connector for an external antenna?