データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BP04-R-KT

  • AI
    The **BP04-R-KT** is an electronic component primarily associated with **Pressure Sensors**, specifically belonging to a series of MEMS (Micro-Electro-Mechanical Systems) gauge pressure sensors. These are often used in medical devices, consumer electronics, and industrial pneumatic applications. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the BP04 series components: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Piezoresistive Bridge | | **Pressure Range** | Generally 0 to 40 kPa (approx. 300 mmHg) | | **Bridge Resistance** | 5 kΩ (Typical) | | **Excitation Voltage** | 5.0 VDC (Typical) / 10 VDC (Max) | | **Operating Temperature** | -40°C to +85°C | | **Output Type** | Analog (Millivolt output) | --- ### 2. Core Electronic Components & Architecture The "KT" designation often refers to the packaging or kit style (often a Surface Mount Device or specific pin configuration). The internal electronics consist of: * **Piezoresistive Element:** Four resistors integrated into a silicon diaphragm, configured as a **Wheatstone Bridge**. * **MEMS Diaphragm:** A micro-machined silicon structure that flexes under pressure, changing the resistance of the bridge. * **Gold Wire Bonding:** Connects the silicon sensor die to the lead frames of the package for electrical connectivity. --- ### 3. Circuit Integration Since the BP04-R-KT provides a **raw millivolt (mV) output**, it typically requires external signal conditioning electronics to be useful in a digital system: 1. **Instrumentation Amplifier:** Necessary to amplify the small differential voltage (often 0-100mV) to a range readable by a microcontroller (0-5V). 2. **Analog-to-Digital Converter (ADC):** Converts the amplified analog signal into digital data. 3. **Temperature Compensation:** Since piezoresistive sensors are sensitive to heat, external resistors or software algorithms are used to correct for temperature drift. --- ### 4. Common Applications * **Medical:** Digital blood pressure monitors (Sphygmomanometers). * **Industrial:** Pressure switches and pneumatic controls. * **Consumer:** Home health tracking devices.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the BP04-R-KT package?
    • ⤷ How do I calculate pressure based on the millivolt output signal?
    • ⤷ Does this sensor require a constant current or constant voltage excitation?