データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BS-BA-R

  • AI
    The **BS-BA-R** is a specific electronic component typically categorized as a **Bridge Rectifier** (specifically a Bridge Rectifier Silicon Assembly). These parts are essential in power management for converting Alternating Current (AC) into Direct Current (DC). --- ### 1. Technical Specifications The "BS-BA-R" series generally refers to high-power or industrial-grade silicon bridge rectifiers. Below are the typical electronic characteristics: | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Component Type** | Full-Wave Bridge Rectifier | Single-Phase | | **Peak Inverse Voltage (PIV)** | Max voltage the diode can block | 50V - 1000V | | **Forward Current ($I_f$)** | Average rectified output current | 1A - 35A | | **Forward Voltage Drop ($V_f$)** | Voltage lost during conduction | ~1.1V per diode | | **Operating Temperature** | Thermal range for safe operation | -55°C to +150°C | --- ### 2. Key Internal Components A BS-BA-R unit is an integrated package containing four diodes arranged in a specific "bridge" configuration: * **Silicon Diodes:** Four high-purity silicon junctions that allow current to flow in only one direction. * **Encapsulation:** Usually a plastic or epoxy case (UL 94V-0 rated) that provides electrical insulation and environmental protection. * **Heat Sink Interface:** Many BS-BA-R models feature a metal base or a hole for mounting to a heat sink, as rectifying high current generates significant thermal energy. * **Terminals:** Four lead pins or spade terminals marked as: * **(~)** and **(~)**: AC input terminals. * **(+)** and **(-)**: DC output terminals. --- ### 3. Functional Operation The electronic part functions by redirecting the negative half-cycles of an AC sine wave into positive pulses. 1. **Positive Half-Cycle:** Two diodes conduct, allowing current to flow to the load. 2. **Negative Half-Cycle:** The other two diodes conduct, reversing the negative flow so it enters the load from the same "positive" direction. 3. **Result:** A "pulsating DC" output that is usually smoothed by an external capacitor. --- ### 4. Common Applications Due to its robust design, the BS-BA-R is frequently found in: * **Power Supplies:** Converting mains electricity for consumer electronics. * **Battery Chargers:** Providing steady DC for charging lead-acid or lithium cells. * **Industrial Controls:** Powering DC motors and solenoids from AC lines. * **LED Drivers:** Ensuring constant current direction for lighting arrays.
    ✨ Follow-up Questions
    • ⤷ What are the common failure modes for bridge rectifiers like the BS-BA-R?
    • ⤷ How do I test a BS-BA-R component using a digital multimeter?
    • ⤷ What is the difference between the BS-BA-R and a Schottky bridge rectifier?