データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BV-R

  • AI
    ### Understanding the BV-R Component Series The term **BV-R** typically refers to a specific type of **high-precision, low-resistance shunt resistor**, often utilized in power management and current sensing applications. These are frequently produced by manufacturers like *Isabellenhütte* or similar high-end electronic component firms. --- ### 1. Technical Specifications Table Below are the general characteristics typically found in BV-R series components: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Resistance Range** | 0.2 mΩ to 5 mΩ | | **Power Rating** | 1W to 5W (depending on size) | | **Tolerance** | ±0.5% to ±5% | | **Temperature Coefficient (TCR)** | < 20 ppm/K to 50 ppm/K | | **Operating Temperature** | -55°C to +170°C | | **Technology** | Metal Foil / Manganin Technology | --- ### 2. Key Internal Components & Materials The "BV-R" designation usually implies a specific construction style: * **Resistive Element:** Often made of **Manganin** or **Aluchrom**. These alloys are chosen for their extremely low temperature coefficient, ensuring the resistance doesn't change as the part heats up. * **Substrate/Base:** Usually a ceramic or specialized metal substrate that provides excellent heat dissipation. * **Terminals:** Heavy-duty copper terminals, often tin-plated, designed for surface mount (SMD) or through-hole integration. --- ### 3. Functional Use Cases These parts are designed for **Current Sensing**. Because they have a known, very low resistance, engineers can measure the voltage drop across the BV-R to calculate the current flowing through a circuit using Ohm's Law ($V = I \times R$). #### Common Applications: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in electric vehicles or laptops. 2. **Power Inverters:** Detecting overcurrent conditions to protect electronic circuits. 3. **DC/DC Converters:** Providing feedback loops for voltage regulation. 4. **Automotive Electronics:** Used in electronic power steering and braking systems. --- ### 4. Part Number Example Breakdown While coding varies by manufacturer, a typical BV-R part number might look like this: `BVR-M-R001-1.0` * **BVR:** Series Name. * **M:** Material (e.g., Manganin). * **R001:** Resistance Value (0.001 Ohms or 1mΩ). * **1.0:** Tolerance (1.0%). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a BV-R shunt and a standard resistor?
    • ⤷ How does temperature affect the accuracy of a BV-R component?
    • ⤷ Which manufacturers currently produce the BV-R series?