データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BV-R0

  • AI
    ## Overview of the BV-R0 (Low Ohmic Current Sense Resistors) The term **BV-R0** typically refers to a specific series of **High-Power Metal Plate Current Sense Resistors** (often manufactured by brands like Isabellenhütte or Bourns, though specific naming conventions vary). These components are engineered to measure electrical current by creating a small voltage drop that can be measured by a microcontroller or analog-to-digital converter. --- ### 1. Key Technical Specifications These resistors are characterized by their extremely low resistance values and high power ratings. | Feature | Typical Specification | | :--- | :--- | | **Resistance Range** | 0.5 mΩ to 100 mΩ | | **Power Rating** | 1W to 10W (depending on size) | | **Tolerance** | ±1% or ±5% | | **TCR (Temp. Coefficient)** | < 50 ppm/°C (Very stable) | | **Material** | Manganin or NiCr Alloy | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Functional Principles Electronic parts in the "R0" (Zero-Ohm or Low-Ohm) category act as a **Shunt**. * **Ohm’s Law Application:** The system measures the voltage ($V$) across the resistor. Since the resistance ($R$) is known and constant, the current ($I$) is calculated as $I = V / R$. * **Low Heat Dissipation:** Because the resistance is so low (e.g., $R005 = 0.005 \Omega$), the energy lost as heat ($P = I^2 \times R$) is minimized, even at high currents. --- ### 3. Construction Details The BV-R0 series usually employs a specialized construction method to ensure reliability: 1. **Electron-Beam Welding:** The resistive element (the metal plate) is often welded to copper terminals to ensure a low-resistance path and high mechanical strength. 2. **Heat Sink Integration:** The flat, wide body is designed to dissipate heat directly into the PCB copper traces. 3. **Four-Terminal Sensing (Kelvin):** While many are 2-terminal, some high-precision BV-R0 parts use a 4-terminal layout to eliminate the resistance of the lead wires from the measurement. --- ### 4. Common Applications These parts are found in power management circuits where monitoring energy flow is critical: * **Battery Management Systems (BMS):** Tracking charge/discharge cycles in EVs or laptops. * **Motor Control:** Detecting stalls or regulating speed in industrial drives. * **Power Supplies:** Overcurrent protection in DC-DC converters. * **Automotive Electronics:** Used in electronic power steering and braking systems. --- ### Example Code for Current Calculation If you are using a BV-R0 resistor (0.01Ω) with a 10-bit ADC (5V reference): ```python # Simple Python logic for Current Sensing adc_value = 512 # Example raw value from ADC v_ref = 5.0 # Reference voltage resistance = 0.01 # BV-R0 resistor value (10 mOhm) # Calculate voltage across the shunt v_shunt = (adc_value / 1024) * v_ref # Calculate current in Amperes current = v_shunt / resistance print(f"Measured Current: {current} Amps") ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard resistor and a current sense resistor?
    • ⤷ How do I choose the correct power rating for a BV-R0 resistor?
    • ⤷ What are the advantages of using Manganin in shunt resistors?