データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BVB-I-R005

  • AI
    The **BVB-I-R005** is a high-precision, industrial-grade current sensing resistor (shunt) manufactured by **Isabellenhütte**. It is designed specifically for high-power applications where accurate current measurement and thermal stability are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | |:---|:---|:---| | **Resistance Value** | 5.0 mΩ (0.005 Ω) | Low resistance to minimize power loss. | | **Power Rating** | Up to 7 W | Varies based on mounting and cooling. | | **Tolerance** | ±1% / ±5% | Standard precision for shunt resistors. | | **TCR (Temp. Coeff.)** | < 30 ppm/K | Extremely stable over temperature changes. | | **Material** | MANGANIN® | Proprietary alloy for high stability. | | **Construction** | Electron-beam welded | Joins copper terminals to the resistive alloy. | --- ### 2. Functional Characteristics #### Material Science (MANGANIN®) The core of the BVB-I-R005 is made of **MANGANIN**, a copper-manganese-nickel alloy. This material is chosen because it exhibits a very low thermoelectric voltage against copper, which prevents "offset" errors in DC measurements caused by temperature gradients. #### 4-Terminal (Kelvin) Connection While the physical part is a heavy-duty busbar type, it is designed to be used in a **Kelvin configuration**. This separates the "Current Path" from the "Voltage Sense Path," ensuring that the resistance of the lead wires and solder joints does not interfere with the measurement accuracy. #### Heavy Copper Terminals The massive copper connectors on either side of the resistive element serve two purposes: 1. **High Current Carrying:** Allows hundreds of amps to pass through without melting. 2. **Heat Sinking:** Acts as a thermal mass to dissipate heat away from the resistive element. --- ### 3. Common Applications * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Electric Vehicles (EVs). * **Power Inverters:** Current control in solar or industrial motor drives. * **Smart Grid Infrastructure:** Measuring high-current distribution in power modules. * **DC/DC Converters:** High-efficiency power regulation. --- ### 4. Code Breakdown: `BVB-I-R005` * **BVB:** The series name (Surface-mount or busbar-mount shunt). * **I:** Size/Configuration code. * **R005:** Resistance value (R005 = 0.005 Ohms or 5 mΩ).
    ✨ Follow-up Questions
    • ⤷ What are the mounting recommendations for BVB-I-R005 to ensure thermal stability?
    • ⤷ How does the BVB-I-R005 compare to the BVA or BVD series?
    • ⤷ What is the maximum current capacity of this resistor at 7W?