データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BVR-I-R001

  • AI
    The **BVR-I-R001** is a high-precision, low-resistance **Current Sense Resistor** (often referred to as a Shunt Resistor). It is manufactured by specialized component brands like **Isabellenhütte** (a leader in precision alloys). ### 1. Component Identification The alphanumeric code provides specific details about the part's characteristics: | Part Segment | Meaning | Details | | :--- | :--- | :--- | | **BVR** | Series Type | Surface Mount (SMD) Busbar/Power Resistor | | **I** | Material Code | ISA-PLAN® / Manganin alloy | | **R001** | Resistance Value | **1.0 mΩ (0.001 Ohms)** | --- ### 2. Technical Specifications These parts are designed for high-current applications where stability and heat dissipation are critical. * **Resistance Value:** 1 mΩ (0.001 Ω) * **Power Rating:** Typically 5W to 7W (depending on mounting and PCB heatsinking). * **Tolerance:** Usually ±1.0% or ±5.0%. * **Temperature Coefficient (TCR):** Very low (approx. <50 ppm/K), meaning resistance stays stable even as the part gets hot. * **Material:** Utilizes **Manganin** or similar precision alloys, which are electron-beam welded to copper terminals. --- ### 3. Electronic Functionality The BVR-I-R001 operates based on **Ohm’s Law ($V = I \times R$)**. 1. **Current Measurement:** As current ($I$) flows through the 1mΩ resistor, a very small voltage drop ($V$) is created across its terminals. 2. **Signal Processing:** An Analog-to-Digital Converter (ADC) or a Current Sense Amplifier measures this voltage drop. 3. **Calculation:** Since $R$ is a known constant (0.001), the system calculates $I = V / 0.001$. --- ### 4. Key Applications Because of its ability to handle high current with minimal power loss, it is commonly used in: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Electric Vehicles or laptops. * **Power Inverters:** Converting DC to AC in solar power or industrial motor drives. * **Automotive Electronics:** Power steering systems and electronic braking. * **DC-DC Converters:** Precision feedback loops for voltage regulation. --- ### 5. Design Considerations * **Kelvin Connection (4-Wire):** To get an accurate reading, designers use four pads—two for the high current flow and two "sense" lines to measure voltage without interference from lead resistance. * **Heat Dissipation:** Due to the low resistance, the part can carry 50A+; however, the PCB must have large copper planes to act as a heatsink to prevent thermal drift.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for a 5W 1mΩ resistor?
    • ⤷ How does a Kelvin connection improve current sensing accuracy?
    • ⤷ What are the common alternatives to Manganin in shunt resistors?