データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BVR-M-R0007

  • AI
    ## BVR-M-R0007: Technical Overview The **BVR-M-R0007** is a high-precision, automotive-grade **Current Shunt Resistor** (Current Sense Resistor) manufactured by **Isabellenhütte**. It is designed for measuring high currents with extreme accuracy by utilizing a low-resistance shunt element. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Resistance Value** | 0.7 mΩ (0.0007 Ω) | | **Material** | MANGANIN® (Manganin alloy) | | **Power Rating** | 6W to 12W (depending on mounting/cooling) | | **Tolerance** | ±1% (Standard) | | **Temperature Coefficient (TCR)** | < 50 ppm/K (near room temp) | | **Mounting Type** | SMD (Surface Mount Device) | | **Package Size** | 4026 (Metric: 1066) | --- ### 2. Functional Characteristics * **Low Resistance:** With a value of only **0.7 mΩ**, it allows for high current flow (exceeding 100A in some conditions) with minimal voltage drop and power loss. * **Four-Terminal Connection (Kelvin):** The "M" in the series often relates to its mechanical construction, allowing for Kelvin-style sensing. This separates the current path from the voltage sensing path, eliminating the impact of lead and contact resistance. * **Stability:** Utilizing Manganin® provides long-term stability and a very low thermal EMF (electromotive force), ensuring that temperature fluctuations do not significantly skew the measurement. --- ### 3. Application Areas The BVR series is predominantly used in power electronics where monitoring the current is critical for control and protection. * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in electric vehicle (EV) batteries. * **Inverters and Converters:** Feedback loops for DC/DC or AC/DC power conversion. * **Smart Meters:** Accurate measurement of power consumption. * **Automotive Systems:** High-current sensing for electronic power steering or braking systems. --- ### 4. Implementation Example (Python) When using this shunt with an Analog-to-Digital Converter (ADC), you can calculate the current ($I$) based on the measured voltage drop ($V$). ```python def calculate_current(voltage_drop_mv): # Resistance of BVR-M-R0007 is 0.0007 Ohms (0.7 mOhm) resistance_ohms = 0.0007 # Ohm's Law: I = V / R # Convert mV input to Volts voltage_v = voltage_drop_mv / 1000 current_amps = voltage_v / resistance_ohms return current_amps # Example: If the ADC measures 70mV across the shunt measured_v = 70.0 print(f"Current flowing: {calculate_current(measured_v)} Amps") # Output: 100.0 Amps ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current capacity of the BVR-M-R0007 without overheating?
    • ⤷ How does the TCR of Manganin compare to standard thick-film resistors?
    • ⤷ What is the recommended PCB footprint for the 4026 package?