データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BVT-I-R004

  • AI
    The **BVT-I-R004** is a high-precision Shunt Resistor (Current Sensor) manufactured by Isabellenhütte. It belongs to the **BVT series**, which is specifically designed for high-current sensing applications in automotive and industrial environments. --- ### 1. Key Technical Specifications The part number `BVT-I-R004` provides specific details about its electrical properties: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 4 mΩ (0.004 Ω) | Indicated by "R004" | | **Material** | ISA-PLAN® / Manganin | High-stability alloy | | **Tolerance** | Typically 1% or 5% | Depends on specific sub-variant | | **Power Rating** | Up to 10W - 15W | Depending on mounting and cooling | | **Temperature Range** | -55°C to +170°C | Automotive grade | | **TCR** | < 30 ppm/K | Temperature Coefficient of Resistance | --- ### 2. Core Features * **Four-Terminal Connection (Kelvin Sensing):** The "I" in the part number often signifies the 4-terminal configuration. This separates the current path from the voltage sensing path, eliminating the resistance of leads and solder joints from the measurement. * **Low Inductance:** Designed with a flat planar structure to ensure accurate measurements even in high-frequency switching environments (e.g., PWM motor controllers). * **High Pulse Power:** It can withstand significant current surges without shifting its base resistance value. * **AEC-Q200 Qualified:** Meets the rigorous reliability standards required for the automotive industry. --- ### 3. Typical Applications The BVT-I-R004 is primarily used as a current sensor in the following systems: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Electric Vehicle (EV) batteries. 2. **Motor Control:** Measuring phase currents in high-power BLDC motors. 3. **DC/DC Converters:** Providing feedback for current-mode control loops. 4. **Smart Grid Power Meters:** Precision energy measurement. --- ### 4. Layout and Mounting Considerations To achieve the rated precision, the following PCB design rules are usually applied: ```markdown * Use large copper planes for the current-carrying terminals to act as heat sinks. * Ensure the voltage sensing traces (Kelvin lines) are symmetrical. * Keep the sensing traces away from high-noise magnetic components. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the BVT-I-R004 before thermal runaway occurs?
    • ⤷ How does the 4-terminal Kelvin connection improve measurement accuracy specifically in this model?
    • ⤷ Are there alternative resistance values available in the BVT series for higher current applications?