データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BVT-V-R002

  • AI
    The **BVT-V-R002** is a specialized electronic component, specifically a **high-precision current sensing resistor** (also known as a shunt resistor) manufactured by **Isabellenhütte**. It is designed for high-current applications where stability and precision are critical. --- ### 1. Key Technical Specifications The part number "R002" indicates a resistance value of **2 milliohms (0.002 Ω)**. Below are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 2 mΩ (0.002 Ω) | | **Power Rating** | Up to 10W (depending on mounting/heatsinking) | | **Tolerance** | ±1% or ±5% (standard variants) | | **Temperature Coefficient (TCR)** | < 30 ppm/K (typically) | | **Material** | MANGANIN® (Isabellenhütte proprietary alloy) | | **Operating Temperature** | -55°C to +170°C | --- ### 2. Physical Construction and Form Factor The BVT series utilizes **ISA-WELD® technology**, which involves sandwiching a resistive alloy between two pieces of copper via electron-beam welding. * **SMD Mounting:** It is a Surface Mount Device (SMD) designed for easy integration into automated PCB assembly. * **Size:** Typically follows the **2512 (metric 6432)** or similar large-format footprint to handle heat dissipation. * **Terminal Design:** Features heavy-duty copper terminals to ensure low contact resistance and high current carrying capacity. --- ### 3. Functional Purpose The primary role of the BVT-V-R002 is **Current Measurement**. By applying Ohm's Law ($V = I \times R$), a circuit designer can measure the small voltage drop across this 2mΩ resistor to determine the exact current flowing through the circuit. **Common Applications:** * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in electric vehicles or power tools. * **Power Inverters:** Used in DC/AC conversion for solar energy or motor drives. * **Automotive Electronics:** High-current distribution units. * **Industrial Control:** Overcurrent protection and power monitoring. --- ### 4. Advantages of MANGANIN® Alloy The use of MANGANIN® in the BVT-V-R002 provides two distinct advantages over standard thick-film resistors: 1. **Thermal Stability:** The resistance value does not change significantly as the component heats up. 2. **Low Thermal EMF:** It minimizes voltage errors caused by temperature gradients between the resistor and the PCB copper traces. ---
    ✨ Follow-up Questions
    • What is the maximum current capacity for the BVT-V-R002 given its 10W power rating?
    • How does ISA-WELD technology differ from standard thick-film resistor construction?
    • What are the recommended PCB layout techniques for 4-terminal sensing with this shunt?