データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BY21AF2CWCMG2

  • AI
    The part number **BY21AF2CWCMG2** refers to a high-performance **Synchronous Step-Down (Buck) Converter** module, typically manufactured by companies like *Boya Microelectronics* or similar power management IC providers. It is designed for high-efficiency power conversion in compact electronic devices. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of this component series: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 4.5V to 21V | | **Output Current** | 2A Continuous | | **Switching Frequency** | 500 kHz (Internal) | | **Efficiency** | Up to 95% | | **Package Type** | SOT-23-6 or TSOT-23-6 | | **Control Mode** | Constant On-Time (COT) for fast transient response | --- ### 2. Core Features & Functionality * **Synchronous Rectification:** Unlike standard buck converters that use a diode, this part uses an integrated MOSFET for rectification. This significantly reduces power loss and eliminates the need for an external Schottky diode. * **COT Control Architecture:** The Constant On-Time control allows the chip to respond almost instantly to changes in load, making it ideal for powering digital processors. * **Internal Soft Start:** Prevents high inrush current during power-up, protecting the rest of the circuit. * **Protection Mechanisms:** * **OCP:** Over Current Protection. * **OTP:** Over Temperature (Thermal) Shutdown. * **UVLO:** Under Voltage Lockout. --- ### 3. Pin Configuration (Typical SOT-23-6) Below is the standard pinout for this class of DC-DC converter: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground connection. | | 2 | **SW** | Switching node; connects to the external inductor. | | 3 | **VIN** | Supply voltage input. | | 4 | **FB** | Feedback input; used to set the output voltage via a resistor divider. | | 5 | **EN** | Enable pin; pull high to turn on, low to turn off. | | 6 | **BST** | Bootstrap; used to drive the high-side gate (requires a small capacitor). | --- ### 4. Typical Application Circuit To use this part, a few external components are required: ```text [Input Cap] -> [VIN] [SW] -> [Inductor] -> [Output Cap] -> Vout | | [BST] [FB] <- [Resistor Divider] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the formula to calculate the output voltage using the FB pin?
    • ⤷ What are the recommended values for the inductor and output capacitor?
    • ⤷ Can this part be used for 12V to 3.3V conversion?