データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • BY21AF2CWCNB22

  • AI
    Based on the part number provided, this appears to be a specific configuration for an **Industrial Joystick** or **Control Unit**, likely from the **CH Products** or **APEM** series (often found in the BF or BY miniature joystick lines). Below is a breakdown of the electronic and mechanical components typically associated with this part number structure. --- ### 1. Component Breakdown The alphanumeric string defines the specific electronic interface and physical build: | Segment | Component Type | Description | | :--- | :--- | :--- | | **BY / BF** | **Series** | Miniature, Hall Effect joystick series (low profile). | | **21** | **Axes & Mounting** | Typically denotes a 2-axis (X and Y) configuration with drop-in mounting. | | **AF** | **Output Option** | Indicates the voltage output range (e.g., 0V to 5V or 0.5V to 4.5V). | | **2** | **Handle Style** | Specifies the physical grip (e.g., small cylindrical or conical handle). | | **CW** | **Springing/Centering** | "C" often stands for center-point calibration; "W" denotes wire harness/cabling. | | **CNB22** | **Custom/Revision** | Specific customer modifications, cable lengths, or connector types. | --- ### 2. Electronic Specifications Most devices in this category utilize **Hall Effect Technology** rather than traditional potentiometers. * **Sensor Type:** Non-contact Hall Effect sensors. These provide a longer lifespan because there are no physical wipers to wear down. * **Supply Voltage ($V_{cc}$):** Generally requires **5.0V DC** (±0.5V). * **Output Signal:** Analog Ratiometric (the output voltage is a percentage of the input voltage). * *Center:* ~2.5V * *Full Deflection:* Ranges from 0.5V to 4.5V. * **Current Consumption:** Low power, typically <10mA per axis. --- ### 3. Wiring Configuration If the "W" in the code signifies a wire harness, the standard lead colors for Hall Effect joysticks are usually: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | **+Vcc** | 5V Power Supply | | **Black** | **GND** | Ground | | **Yellow** | **X-Axis** | Output voltage for Horizontal movement | | **Blue** | **Y-Axis** | Output voltage for Vertical movement | --- ### 4. Mechanical & Environmental Features * **Life Cycle:** Often rated for 1 million to 5 million cycles. * **Sealing:** Typically IP67 above the panel (dust and water-resistant). * **Return-to-Center:** Features an internal spring-loaded "omni-directional" return mechanism.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage output range for the 'AF' configuration?
    • ⤷ Does this model include a push-button switch in the handle?
    • ⤷ What is the specific connector type used on the CNB22 wire harness?