データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • C0603C162J5GACTU

  • AI
    ### Electronic Component Analysis: C0603C162J5GACTU The **C0603C162J5GACTU** is a surface-mount multilayer ceramic capacitor (MLCC) manufactured by **KEMET**. It is designed for high-reliability applications requiring stability and precision. --- ### 1. Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Capacitance** | 1.6 nF (1,600 pF) | The energy storage capacity. | | **Tolerance** | ±5% | Precision rating (J tolerance). | | **Voltage (DC)** | 50 V | Maximum working voltage. | | **Dielectric** | C0G (NP0) | Ultra-stable; no capacitance change with temp. | | **Case Size** | 0603 (1608 Metric) | 1.6mm x 0.8mm footprint. | | **Temperature Range** | -55°C to +125°C | Standard industrial/automotive range. | | **Termination** | 100% Matte Tin (Sn) | Suitable for standard reflow soldering. | --- ### 2. Breakdown of the Part Number Understanding the KEMET naming convention helps decode the part's characteristics: * **C**: Ceramic capacitor. * **0603**: Case size (length 0.06" x width 0.03"). * **C**: Standard designator. * **162**: Capacitance code. The first two digits (16) are significant; the third (2) is the number of zeros. $16 \times 10^2 = 1,600$ pF. * **J**: Capacitance tolerance (±5%). * **5**: Rated voltage ($5 = 50$ V). * **G**: Dielectric material (C0G / NP0). * **A**: Failure rate / Special design (Standard). * **C**: Termination finish (Standard Nickel Barrier with 100% Tin plate). * **TU**: Packaging (7" Reel / Paper Tape). --- ### 3. Key Characteristics and Benefits #### A. C0G (NP0) Dielectric Stability The C0G dielectric is the most stable material available for ceramic capacitors. Unlike X7R or Y5V materials, C0G exhibits: * **Zero Drift:** Capacitance does not change significantly with temperature, time, or voltage. * **Low Loss:** Extremely low dissipation factor, making it efficient for high-frequency circuits. #### B. Miniature Footprint The **0603** size is small enough for modern high-density PCBs while remaining large enough for reliable automated pick-and-place assembly. --- ### 4. Typical Applications Due to its high stability and 50V rating, this part is commonly used in: * **Resonant Circuits:** Where precise frequency control is required (filters, oscillators). * **Timing Circuits:** Where stable capacitance over time ensures clock accuracy. * **Decoupling:** Providing clean power to high-speed ICs. * **RF Applications:** High-frequency signal coupling due to low ESR (Equivalent Series Resistance). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between C0G and X7R dielectrics?
    • ⤷ Can this capacitor be used in automotive power management systems?
    • ⤷ How does the '162' code compare to '163' in terms of capacitance value?