C0805H393DGGACTU
AI

The part number **C0805H393DGGACTU** refers to a high-temperature, surface-mount multilayer ceramic capacitor (MLCC) manufactured by **KEMET**.
---
## 🔍 Technical Specifications Breakdown
This part is specifically engineered for harsh environments where standard capacitors might fail. Below are the detailed specifications:
| Parameter | Specification | Details |
|:---|:---|:---|
| **Capacitance** | 39 nF (0.039 µF) | The energy storage capacity. |
| **Tolerance** | ±0.5 pF / Grade D | Tight tolerance for precision applications. |
| **Voltage (DC)** | 2000 V (2 kV) | High voltage rating. |
| **Case Size** | 0805 (2012 Metric) | Physical size: 2.0mm x 1.25mm. |
| **Dielectric** | C0G (NP0) | Ultra-stable, non-ferroelectric material. |
| **Operating Temp** | -55°C to +200°C | **High Temperature** series (H-series). |
| **Termination** | 100% Matte Tin (Sn) | Standard solderable finish. |
---
## 🛠️ Key Features
### 1. C0G (NP0) Dielectric Stability
The C0G dielectric is the most stable capacitor material available. It exhibits **zero capacitance change** with respect to:
* **Time:** No aging effects.
* **Voltage:** No DC bias aging (capacitance remains constant regardless of applied voltage).
* **Temperature:** Linear and predictable behavior across the entire -55°C to +200°C range.
### 2. High Temperature Capability
The "H" in the part number indicates KEMET’s High-Temperature series. While standard industrial capacitors stop at 125°C or 150°C, this component is rated for **200°C**, making it ideal for down-hole drilling, aerospace, and automotive under-hood applications.
### 3. High Voltage Rating
Rated at **2000V**, this 0805 chip is designed with internal electrode structures that prevent "arcing" (electrical discharge across the surface or through the body), which is a common failure point in high-density high-voltage designs.
---
## 📝 Part Number Decoder
Understanding the KEMET nomenclature for this specific part:
| Code | Meaning |
|:---|:---|
| **C** | Ceramic |
| **0805** | Case Size (0.08" x 0.05") |
| **H** | High Temperature (200°C) |
| **393** | 39 + 3 zeros = 39,000 pF (39 nF) |
| **D** | Tolerance (±0.5 pF or specialized grade) |
| **G** | Voltage Rating (2000V) |
| **G** | Dielectric (C0G) |
| **A** | Failure Rate / Design (Standard) |
| **C** | Termination (100% Matte Sn) |
| **TU** | Packaging (7" Reel / Marked) |
---
## 🚀 Common Applications
* **Energy Exploration:** Down-hole "Logging While Drilling" (LWD) tools.
* **Aerospace:** Engine control units and sensors.
* **Power Electronics:** Snubber capacitors in high-frequency high-voltage converters.
* **Automotive:** EV/HEV inverters and charging systems.
- ⤷
What are the alternative dielectrics if C0G is too expensive for my design?
- ⤷ Does this capacitor require specific soldering profiles for the 200°C rating?
- ⤷ How does the 'DC Bias effect' differ between this C0G model and an X7R model?