データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • C10-R4

  • AI
    The designation **C10** and **R4** typically refers to **Reference Designators** on a printed circuit board (PCB) or a schematic diagram. These identifiers help engineers and technicians locate specific components in a circuit. --- ### 1. Breakdown of Designators | Designator | Component Type | Common Function | | :--- | :--- | :--- | | **C10** | **Capacitor** (10th in sequence) | Energy storage, filtering noise, or DC blocking. | | **R4** | **Resistor** (4th in sequence) | Limiting current, voltage division, or pull-up/down. | --- ### 2. Deep Dive: Capacitor (C10) A capacitor stores electrical energy in an electric field. In a typical circuit, "C10" could serve several purposes depending on its placement: * **Decoupling/Bypass:** Placed near an Integrated Circuit (IC) to suppress high-frequency noise in the power supply. * **Coupling:** Used between stages of an amplifier to pass AC signals while blocking DC. * **Timing:** Works with a resistor (like R4) to create a specific time delay (RC constant). ### 3. Deep Dive: Resistor (R4) A resistor provides electrical resistance to the flow of current. "R4" is a standard passive component: * **Current Limiting:** Protecting an LED or a transistor base from receiving too much current. * **Voltage Divider:** Used in conjunction with another resistor to create a specific reference voltage. * **Pull-up/Pull-down:** Ensuring a digital input pin stays at a defined logic level (High or Low) when no signal is present. --- ### 4. Typical Relationship (RC Circuits) If C10 and R4 are connected together, they likely form an **RC Network**. 1. **Low-Pass Filter:** Allows low frequencies to pass but blocks high-frequency noise. 2. **Timing Circuit:** Determines how long a pulse lasts in a 555 timer or a reset circuit. The time constant is calculated as: `τ (Tau) = R4 × C10` ### 5. Identification on the Board To know the exact values of these parts, you must consult: * **The Bill of Materials (BOM):** A list stating the exact value (e.g., R4 = 10kΩ, C10 = 0.1μF). * **The Schematic:** A map showing how C10 and R4 are electrically connected. * **Component Markings:** SMD resistors often have codes (e.g., "103" for 10k), while capacitors are often unmarked or require a capacitance meter.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the time constant for an RC circuit involving R4 and C10?
    • ⤷ What is the difference between a ceramic and electrolytic capacitor for C10?
    • ⤷ How can I test if R4 or C10 is faulty using a multimeter?