データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • C20-R012K

  • AI
    The **C20-R012K** typically refers to a high-precision, low-resistance **Current Sense Resistor** (Shunt Resistor). These components are critical in power management circuits for measuring current flow by monitoring the voltage drop across the resistor. --- ### 1. Technical Specifications Below is a breakdown of the typical technical characteristics found in this specific part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Resistance Value** | 0.012 $\Omega$ (12 m$\Omega$) | | **Tolerance** | ±10% (denoted by 'K') | | **Power Rating** | Often 1W to 3W (depending on package size) | | **Technology** | Thick Film or Metal Strip | | **Temperature Coefficient** | Low TCR (e.g., ±100 ppm/°C) | --- ### 2. Part Number Breakdown While manufacturer prefixes may vary, the naming convention generally follows this logic: 1. **C20**: Often refers to the physical package size or series (e.g., 2010 SMD size or a specific manufacturer series). 2. **R012**: The resistance value. "R" acts as the decimal point. `R012` = 0.012 Ohms. 3. **K**: The tolerance code. * **F** = ±1% * **J** = ±5% * **K** = ±10% --- ### 3. Functional Application Current sense resistors like the C20-R012K work based on **Ohm's Law ($V = I \times R$)**. * **Current Measurement:** As current ($I$) flows through the 12m$\Omega$ resistor, a small voltage ($V$) is generated. A controller or Op-Amp measures this voltage to calculate the exact current. * **Overcurrent Protection:** If the voltage drop exceeds a certain threshold, the circuit can trigger a shutdown to protect sensitive components. * **Battery Management:** Used in BMS (Battery Management Systems) to track state-of-charge and discharge rates. --- ### 4. Implementation Example In a typical circuit, this resistor is placed in series with the load. ```cpp // Example: Calculating Current in Code float resistance = 0.012; // 12 mOhms float measuredVoltage = analogRead(A0) * (5.0 / 1023.0); // Simplified ADC read float currentAmps = measuredVoltage / resistance; ``` --- ### 5. Typical Physical Characteristics * **SMD Mounting:** Usually designed for Surface Mount Technology (SMT). * **Heat Dissipation:** Because these resistors handle significant current, they often have wide metallic terminals to dissipate heat into the PCB copper planes.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its power rating?
    • ⤷ What are the common SMD package sizes for the C20 series?
    • ⤷ How does a 10% tolerance (K) affect accuracy in precision power supplies?