データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • C20-R082M-

  • AI
    Based on the part number **C20-R082M**, this typically identifies a **Surface Mount Device (SMD) Power Inductor**. These components are critical for power management circuits, specifically in DC-DC converters. Below is a breakdown of the specifications and technical details associated with this series. ### 1. Component Specifications The alphanumeric code provides specific details regarding the physical size, inductance value, and tolerance. | Feature | Specification | Description | | :--- | :--- | :--- | | **Part Series** | C20 | Typically refers to the physical footprint/frame size. | | **Inductance Value** | R082 | Represents **0.082 µH** (microhenries). | | **Tolerance** | M | Indicates a **±20%** tolerance range. | | **Mounting Type** | SMD/SMT | Designed for automated surface mount assembly. | --- ### 2. Technical Characteristics Components in this class (High-frequency, low-inductance) usually feature: * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation. * **High Saturation Current:** Capability to handle high peak currents without the magnetic core losing its inductive properties. * **Magnetically Shielded:** Most C20 series inductors are shielded to prevent Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Operating Temperature:** Generally rated for **-40°C to +125°C**, making them suitable for industrial and automotive applications. --- ### 3. Applications The C20-R082M is commonly used in high-speed switching environments where small size and efficiency are paramount: 1. **Voltage Regulator Modules (VRM):** Used in CPU and GPU power delivery. 2. **Point of Load (POL) Converters:** For localized power regulation on complex circuit boards. 3. **Telecom Equipment:** High-efficiency power modules for networking gear. 4. **Mobile Electronics:** In compact battery-powered devices requiring tight voltage regulation. --- ### 4. Circuit Symbol and Footprint In schematic design and PCB layout, the part is represented as follows: ```text Schematic Symbol: ---( L )--- Inductor Physical Footprint (Generic C20): [Solder Pad] --- [Body] --- [Solder Pad] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the C20-R082M?
    • ⤷ Which manufacturers produce the C20 series power inductors?
    • ⤷ What are the recommended reflow soldering profiles for this component?