データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • C20-R2

  • AI
    Based on your query, **C20-R2** generally refers to specific component identifiers on a Printed Circuit Board (PCB) or a particular electronic module layout. In electronics, these designations follow the **Reference Designator** standard (IEEE 315-1975). --- ### 1. Breakdown of Component Designators In most circuit diagrams and PCB silkscreens, the alphanumeric code identifies the type of component and its sequence in the circuit. | Designator | Component Type | Common Function | | :--- | :--- | :--- | | **C20** | **Capacitor #20** | Energy storage, noise filtering, or DC blocking. | | **R2** | **Resistor #2** | Current limiting, voltage division, or pull-up/down. | --- ### 2. Common Technical Specifications While the exact values depend on the specific device (e.g., a motherboard, a radio, or an Arduino shield), here are the typical characteristics for these parts: #### C20 (Capacitor) * **Types:** Often a Ceramic Multilayer (MLCC) for high-frequency filtering or an Electrolytic capacitor for power stabilization. * **Measurement:** Farads (typically $\mu F$, $nF$, or $pF$). * **Role:** If located near an Integrated Circuit (IC), it likely acts as a **decoupling capacitor** to suppress electrical noise. #### R2 (Resistor) * **Types:** Usually Surface Mount (SMD) or through-hole Carbon Film. * **Measurement:** Ohms ($\Omega$). * **Role:** Often used in the **input stage** of a circuit (since it is numbered low, like "2"), potentially as part of a voltage divider or a current limiter for an LED. --- ### 3. Interaction Example: RC Filter In many designs, a Resistor (R) and a Capacitor (C) are placed together to form an **RC Network**. ```c // Mathematical relationship for an RC Filter Cutoff Frequency (f) = 1 / (2 * π * R * C) ``` If **R2** and **C20** are connected in series or parallel, they are likely performing: 1. **Timing:** Determining how long a signal stays high/low. 2. **Debouncing:** Smoothing the signal from a physical button. 3. **Filtering:** Removing unwanted high-frequency ripples from a power line. --- ### Summary Checklist for Identification To find the exact specs for C20 and R2 on your specific board, you should: * **Check the BOM:** Look for the "Bill of Materials" document for your device. * **Read the Silkscreen:** Look for small numbers printed on the component body (e.g., "103" on a resistor means 10k $\Omega$). * **Use a Multimeter:** Measure resistance for R2 and capacitance for C20 (ensure the circuit is powered off).
    ✨ Follow-up Questions
    • ⤷What specific PCB or device are these parts located on?
    • ⤷ How can I test if C20 or R2 is faulty using a multimeter?
    • ⤷ What do the numbers '103' or '472' mean when printed on these components?