データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • C2AB4L

  • AI
    The **C2AB4L** refers to a specific type of **Capacitor**, commonly found in power electronics, industrial equipment, and motor control systems. Based on industrial naming conventions, it is typically a high-voltage, metalized polypropylene film capacitor or an electrolytic capacitor, depending on the specific manufacturer series (often associated with brands like Panasonic or industrial OEM parts). --- ### 1. Component Specifications Below are the typical technical characteristics associated with this part number family: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Capacitor | | **Dielectric Material** | Metalized Polypropylene (Film) or Aluminum Electrolytic | | **Voltage Rating** | Generally 250V to 450V AC/DC | | **Capacitance Range** | Varies by sub-code (typically 0.1µF to 4.7µF) | | **Mounting Type** | Through-hole (Radial Leads) | | **Tolerance** | ±5% or ±10% | --- ### 2. Functional Breakdown The "C2AB4L" code breaks down into specific electronic parameters: 1. **C (Capacitor):** Identifies the basic function of storing energy in an electric field. 2. **2A:** Usually refers to the voltage rating. In many coding systems, `2A` represents a specific voltage threshold (e.g., 100V or 250V DC). 3. **B:** Refers to the dielectric strength or the temperature coefficient (Operating range typically -40°C to +85°C). 4. **4L:** Indicates the physical lead spacing or the specific casing dimensions (Form Factor). --- ### 3. Common Applications These parts are engineered for reliability and are used in circuits requiring stable capacitance: * **EMI Suppression:** Used in X/Y safety circuits to filter electromagnetic interference from power lines. * **Motor Run Circuits:** Helping start and maintain the phase shift in small AC motors. * **Snubber Circuits:** Protecting semiconductors (like IGBTs or MOSFETs) from high-voltage spikes during switching. * **Power Factor Correction (PFC):** Improving the efficiency of power supplies in industrial lighting and machinery. --- ### 4. Comparison with Standard Capacitors If you are looking for a replacement, consider these differences: ```markdown - Standard Electrolytic: High capacity, polarized, shorter lifespan. - C2AB4L (Film Type): Lower capacity, non-polarized, extremely long life, self-healing properties. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and lead spacing for the C2AB4L?
    • ⤷ Can I substitute a C2AB4L with a different voltage rating?
    • ⤷ How do I test if a C2AB4L capacitor has failed using a multimeter?