データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • C3-R18-10

  • AI
    The part number **C3-R18-10** typically refers to a specific series of **Wirewound Resistors** or specific industrial hardware components, depending on the manufacturer (often associated with brands like *HVR* or general high-power resistor standards). In electronic engineering, this nomenclature usually describes a high-power, ceramic-core resistor designed for heavy-duty applications. --- ### 1. Breakdown of the Component The alphanumeric code generally follows this logic: | Code Segment | Description | Typical Meaning | | :--- | :--- | :--- | | **C3** | Series/Case Style | Refers to a ceramic tubular core with a specific diameter. | | **R18** | Resistance Value | **0.18 Ohms** (The 'R' acts as a decimal point). | | **10** | Tolerance or Wattage | Often indicates a **10% Tolerance** or a specific **10W** rating (context-dependent). | --- ### 2. Technical Specifications While exact specs vary by manufacturer, a standard "C3" type wirewound resistor typically possesses these characteristics: * **Core Material:** High-grade ceramic (Steatite or Alumina) for thermal stability. * **Winding:** Nickel-Chromium (NiCr) or Copper-Nickel alloy wire. * **Coating:** Vitreous enamel or silicone cement to protect against moisture and oxidation. * **Mounting:** Usually features radial lugs or axial leads for PCB or chassis mounting. --- ### 3. Key Applications Because of the low resistance (**0.18Ω**) and high thermal mass, these parts are used in: 1. **Current Sensing:** Measuring current by monitoring the voltage drop across the resistor. 2. **Inrush Limiting:** Protecting circuits from sudden power surges during startup. 3. **Braking Resistors:** Dissipating energy in motor control circuits. 4. **Load Banks:** Used in testing power supplies or batteries. --- ### 4. Comparison Table: Wirewound vs. Metal Film | Feature | C3-R18-10 (Wirewound) | Standard Metal Film | | :--- | :--- | :--- | | **Power Handling** | High (5W - 50W+) | Low (0.25W - 1W) | | **Precision** | Moderate (5% - 10%) | High (0.1% - 1%) | | **Inductance** | High (due to coils) | Negligible | | **Surge Resistance** | Excellent | Poor | --- ### 5. Identification Tip If you are looking at this part on a circuit board, it will likely be a **large, white or green rectangular block** or a **grey cylinder**. If the "18" refers to 18 Watts rather than resistance, the value will be printed elsewhere on the body (e.g., "10R" for 10 Ohms).
    ✨ Follow-up Questions
    • ⤷ Is C3-R18-10 a RoHS compliant component?
    • ⤷How do I calculate the voltage drop across a 0.18 ohm resistor?
    • ⤷What are the alternatives to wirewound resistors for high-power applications?