データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • C30-R1

  • AI
    The term **C30-R1** typically refers to a specific reference designator in an electronic schematic (where **C30** is the 30th capacitor and **R1** is the 1st resistor) or, more commonly, a specific **RC Snubber Network** or high-voltage capacitor part number used in power electronics. Below is an explanation of the electronic components and their functions based on common industry standards for this designation. --- ### 1. Component Overview In many industrial contexts, "C30-R1" refers to an integrated **RC (Resistor-Capacitor) Snubber**. This is a single package containing both a resistor and a capacitor connected in series. | Feature | Specification (Common) | Purpose | | :--- | :--- | :--- | | **Capacitance (C)** | Often 0.1µF to 0.5µF | Energy storage and AC coupling | | **Resistance (R)** | Often 10Ω to 100Ω | Energy dissipation (damping) | | **Voltage Rating** | 250V AC to 600V AC | High voltage protection | | **Application** | Relay/Switch Protection | Suppressing arcs and EMF | --- ### 2. Function of the Electronic Parts The "C" and "R" work together to solve specific electrical issues in a circuit: #### The Capacitor (C30) * **Voltage Limitation:** The capacitor acts as a temporary reservoir for electrical energy. When a switch opens, the capacitor prevents a sudden spike in voltage by allowing current to flow into it temporarily. * **Rate of Rise (dv/dt):** It slows down the rate at which voltage increases across a switching device, preventing "punch-through" damage. #### The Resistor (R1) * **Oscillation Damping:** Without the resistor, the capacitor and the circuit's stray inductance would create an LC tank circuit, leading to unwanted ringing or oscillations. The resistor "damps" this energy, turning it into heat. * **Current Limiting:** It limits the discharge current of the capacitor when the switch closes, preventing contact welding. --- ### 3. Common Circuit Application The C30-R1 network is most frequently found across the contacts of a relay or a Triac to handle inductive loads (like motors or solenoids). ```mermaid graph LR A[Power Source] --- B[Switch/Relay] B --- C[Inductive Load] C --- A subgraph Snubber_C30-R1 B -.-> D[Resistor R1] D -.-> E[Capacitor C30] E -.-> B end ``` --- ### 4. Failure Modes to Watch For If you are troubleshooting a C30-R1 component, look for these physical or electrical signs: * **Open Circuit:** The resistor may fail due to a high-energy surge, effectively removing the snubber from the circuit and causing the relay contacts to arc. * **Short Circuit:** If the capacitor (C30) breaks down, it will act as a short, potentially causing the load to stay "on" even when the switch is open. * **Thermal Stress:** Check for discoloration on the casing, as the resistor generates heat during continuous high-frequency switching.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer or equipment model for your C30-R1 part?
    • ⤷ How do you test an RC snubber network using a multimeter?
    • ⤷ What are the benefits of using an integrated RC unit over discrete components?