データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • C30-R82

  • AI
    Based on common electronic component labeling conventions, **C30** and **R82** are reference designators found on Printed Circuit Boards (PCBs). These codes identify the type of component and its specific location on the schematic and board layout. --- ### 1. Breakdown of Designators | Designator | Component Type | Common Function | | :--- | :--- | :--- | | **C30** | **Capacitor** | Filtering noise, decoupling power rails, or timing. | | **R82** | **Resistor** | Limiting current, dividing voltage, or pulling signals high/low. | --- ### 2. Detailed Technical Specifications #### **C30 (Capacitor #30)** The letter **"C"** stands for Capacitor. In a circuit, "30" is simply the sequence number assigned during the design phase. * **Typical Values:** Measured in Farads (usually $\mu F$, $nF$, or $pF$). * **Physical Form:** * **SMD (Surface Mount):** Tiny rectangular blocks (e.g., 0603 or 0805 packages). * **Electrolytic:** Small "can-shaped" components used for power smoothing. * **Role near a Resistor:** If C30 is near R82, they might form an **RC Filter** or a timing circuit. #### **R82 (Resistor #82)** The letter **"R"** stands for Resistor. * **Typical Values:** Measured in Ohms ($\Omega$). * **Marking Interpretation:** If the body of the resistor specifically says "**R82**" (rather than just being the 82nd resistor on the board), it often denotes a value: * **R82 = 0.82 $\Omega$**: In SMD marking, the "R" acts as a decimal point. * **Role:** Used to control the flow of electricity to protect more sensitive components like LEDs or Integrated Circuits (ICs). --- ### 3. How to Identify Them on a Board To find the exact specifications of these parts, you would typically look at: 1. **The Bill of Materials (BOM):** A list provided by the manufacturer that links "C30" and "R82" to specific part numbers (e.g., *Samsung 10uF Capacitor*). 2. **The Schematic Diagram:** A map showing how C30 and R82 are connected to other parts of the device. 3. **Silkscreen:** The white or yellow printed text on the green/blue circuit board surface. --- ### 4. Summary Table | Feature | C30 | R82 | | :--- | :--- | :--- | | **Unit** | Farads (F) | Ohms ($\Omega$) | | **Key Property** | Energy storage in electric field | Opposition to current flow | | **Schematic Symbol** | Two parallel lines | A zigzag line or a rectangle |
    ✨ Follow-up Questions
    • ⤷How do I read SMD resistor codes like R82?
    • ⤷ What happens if a capacitor like C30 fails on a circuit board?
    • ⤷ How can I find the schematic for a specific electronic device?