データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • C56-R

  • AI
    The **C56-R** typically refers to a high-speed, high-resolution **Galvanometric Scanning System** (often associated with brands like Scanlab or similar industrial laser providers) or a specific **Capacitive Sensor** module depending on the industrial context. Below is an overview of the electronic components and technical specifications associated with the C56-R series industrial controllers and scanners. --- ### 1. Core Electronic Components The C56-R system is comprised of several critical electronic sub-assemblies that manage motion control and feedback loops. | Component | Function | Description | | :--- | :--- | :--- | | **DSP/FPGA Controller** | Signal Processing | The "brain" that calculates trajectory and handles real-time PID loops. | | **D/A Converter** | Signal Translation | High-precision Digital-to-Analog converters (often 16-bit or 20-bit) to drive motor drivers. | | **Galvanometer Motors** | Actuation | Moving magnet or moving coil motors that provide high-speed angular positioning. | | **Position Detector** | Feedback | Optical or capacitive sensors that provide position data back to the controller. | | **Thermal Sensors** | Protection | NTC or PTC thermistors to monitor coil temperature and prevent burnout. | --- ### 2. Technical Specifications The electronics are designed for extreme precision. Typical parameters for a C56-R class device include: * **Input Voltage:** Usually $\pm 15V$ to $\pm 24V$ DC. * **Interface Protocol:** XY2-100 (Standard industrial protocol) or SL2-100. * **Resolution:** < 2 µrad (microradians). * **Step Response Time:** ~0.5ms to 1.0ms (depending on mirror size). --- ### 3. Wiring and Connectivity The C56-R usually features a high-density connector (such as a D-Sub 25 or 15) to ensure signal integrity and grounding. ```yaml Pinout_Structure: Pin_1-4: Power Supply (V+, V-, GND) Pin_5-8: Digital Input (Clock+, Clock-, Data+, Data-) Pin_9-12: Status Feedback (Error Signals, Temp Alarm) Pin_13-15: Analog Monitoring (Optional Position Out) ``` --- ### 4. Key Features of the R-Series Electronics 1. **Reduced Drift:** The "R" often signifies **Enhanced Stability** or **Resistance** optimized electronics, minimizing thermal drift during long operation cycles. 2. **Integrated Driver:** Many C56-R units feature integrated servo-amplifiers, meaning the motor and the control electronics are housed in a single compact chassis. 3. **Active Damping:** Electronic circuits that suppress mechanical resonance, allowing the mirrors to stop instantly without oscillation.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the C56-R and the standard C56 model?
    • ⤷ How do I calibrate the PID loop on a C56-R controller?
    • ⤷ Which software protocols are compatible with the C56-R digital interface?