データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CAP-R

  • AI
    ### Electronic Components Overview: CAP-R In the context of electronic components, **CAP-R** typically refers to a **Radial Capacitor**. The "R" stands for "Radial," which describes the physical configuration of the component's leads (the metal wires). --- ### 1. Physical Characteristics Unlike axial capacitors where leads come out of opposite ends, radial capacitors have both leads protruding from the **same side** (usually the bottom). | Feature | Description | | :--- | :--- | | **Lead Orientation** | Both pins are parallel and exit from one end. | | **Mounting Style** | Primarily Through-Hole Technology (THT). | | **Form Factor** | Usually cylindrical or "dipped" (epoxy coated). | | **Space Efficiency** | Takes up less horizontal PCB area compared to axial types. | --- ### 2. Common Types of Radial Capacitors Radial configurations are most common in the following sub-types: 1. **Aluminum Electrolytic:** Polarized, used for power filtering and decoupling. They are the tall "cans" seen on motherboards. 2. **Ceramic Disc:** Non-polarized, small, and used for high-frequency filtering. 3. **Film Capacitors:** Often rectangular or box-shaped, used in audio circuits and power supplies for stability. 4. **Tantalum:** High-density capacitors often used where space is a premium, though these are increasingly replaced by SMD (Surface Mount) types. --- ### 3. Technical Parameters When selecting a CAP-R component, the following specifications are critical: * **Capacitance (F):** Measured in Microfarads (µF), Nanofarads (nF), or Picofarads (pF). * **Voltage Rating (V):** The maximum voltage the capacitor can handle before breakdown. * **Lead Spacing (Pitch):** The distance between the two leads (e.g., 2.54mm, 5mm). This is vital for PCB layout design. * **Polarity:** Radial electrolytic capacitors have a negative strip marked on the casing and a shorter lead to indicate the negative terminal. --- ### 4. Schematic Representation In EDA software (like KiCad, Altium, or Eagle), a CAP-R footprint is represented by its diameter and lead spacing. ```text PCB Footprint View: ___ / \ | ( ) | <-- Lead 1 (+) | ( ) | <-- Lead 2 (-) \___/ ``` --- ### 5. Summary Table: Radial vs. Axial | Property | Radial (CAP-R) | Axial | | :--- | :--- | :--- | | **Board Height** | High | Low Profile | | **Board Area** | Small Footprint | Large Footprint | | **Installation** | Stands upright | Lays flat | | **Application** | Modern PCBs, tight spaces | Vintage repairs, point-to-point wiring |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a polarized and non-polarized radial capacitor?
    • ⤷ How do I measure the 'pitch' of a CAP-R component for a PCB design?
    • ⤷ What happens if you install a radial electrolytic capacitor backwards?