データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CC-R/

  • AI
    It appears you are referring to the **CC-RL** (C Compiler for RL78 family) or general **CC-R** architecture often associated with Renesas electronics and microcontroller systems. In the context of embedded electronics and Renesas microcontrollers (MCUs), the "CC-R" environment relates to how hardware components are controlled via software. --- ### 1. The Core Ecosystem (RL78 Microcontrollers) The CC-R/CC-RL compiler is designed to interface with specific electronic parts within the RL78 16-bit MCU architecture. These parts include: | Component | Function | Description | | :--- | :--- | :--- | | **ALU** | Arithmetic Logic Unit | Performs high-speed 16-bit operations. | | **SRAM** | Internal Memory | Volatile storage for variables and stack. | | **Code Flash** | Program Memory | Where the compiled CC-R code is stored. | | **Data Flash** | Non-volatile Data | Used for storing calibration data or logs. | | **SFRs** | Special Function Registers | Electronic "switches" used to control I/O pins. | --- ### 2. Electronic Peripheral Control When using CC-R, you interact with the physical electronic parts of the chip through **Register-Level Programming**. * **GPIO (General Purpose I/O):** The compiler manages the electronic state (High/Low) of the physical pins. * **Timers (TAU):** Electronic oscillators used for PWM (Pulse Width Modulation) to control motors or LEDs. * **A/D Converters:** Electronic circuits that convert external analog voltages into digital values for the compiler to process. --- ### 3. Compilation Workflow The transformation from code to physical electronic signals follows this path: 1. **C Source Code:** Human-readable logic. 2. **CC-R Compiler:** Translates logic into Machine Code. 3. **Linker:** Maps code to the physical memory addresses (RAM/ROM) of the electronic chip. 4. **Debugger/Programmer:** Physically flashes the code into the electronic part. --- ### 4. Code Example (Controlling a Pin) To change the state of an electronic pin using the CC-RL compiler: ```c #include "iodefine.h" void main(void) { /* Set Port 1, Pin 0 as output */ PM1.BIT.bit0 = 0; while(1) { /* Set electronic output to HIGH (5V or 3.3V) */ P1.BIT.bit0 = 1; } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between CC-RL and CC-RX compilers?
    • ⤷ How do I configure Special Function Registers in CC-R?
    • ⤷ Which Renesas hardware debuggers are compatible with CC-R?