データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CD-1663P

  • AI
    The **CD-1663P** is a high-performance, magnetic transducer (buzzer) commonly used in consumer electronics, automotive alerts, and industrial equipment. It is designed to convert electrical signals into audible sound through electromagnetic induction. --- ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the CD-1663P: | Parameter | Specification | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Rated Voltage** | 1.5 Vp-p | | **Operating Voltage** | 1.0 ~ 3.0 Vp-p | | **Current Consumption** | Max 70mA (at rated voltage) | | **Sound Pressure Level (SPL)** | Min 85 dB (at 10cm) | | **Resonant Frequency** | 2,048 Hz | | **Coil Resistance** | 16 ± 3 Ω | | **Operating Temperature** | -20°C to +70°C | --- ### 2. Internal Electronic Components The CD-1663P is an **electromagnetic** device. Unlike piezo buzzers which use ceramic crystals, this part relies on the following internal structure: 1. **Magnet:** A permanent magnet that provides a static magnetic field. 2. **Voice Coil:** A precision-wound copper coil. When current passes through it, it creates a fluctuating magnetic field. 3. **Diaphragm (Vibrating Plate):** A flexible metal disk. The interaction between the permanent magnet and the coil's magnetic field pulls and releases this plate rapidly. 4. **Housing/Case:** Usually made of PBT (Polybutylene Terephthalate) plastic, designed to act as an acoustic resonance chamber to amplify the sound. --- ### 3. Circuit Implementation Because the CD-1663P is a **transducer** (not an indicator), it does not have an internal oscillating circuit. You must provide a square wave at the resonant frequency (typically 2,048 Hz) to produce sound. #### Typical Driving Circuit To prevent damaging a microcontroller (MCU) pin due to high current draw (70mA), a transistor switching circuit is required: ```arduino // Example PWM logic for Arduino/MCU void setup() { pinMode(9, OUTPUT); // Connect to Base of NPN Transistor } void loop() { tone(9, 2048); // Generate the resonant frequency delay(500); noTone(9); delay(500); } ``` **Connection Diagram Logic:** * **VCC:** Connected to one pin of the buzzer. * **Collector:** Connected to the other pin of the buzzer. * **Base:** Connected to MCU via a 1kΩ resistor. * **Emitter:** Connected to Ground. * **Flyback Diode:** Recommended in parallel with the buzzer to protect against inductive spikes. --- ### 4. Key Advantages * **Low Frequency Performance:** Better at producing clear, lower-pitched tones compared to small piezo elements. * **Compact Size:** Usually around 16mm in diameter, making it suitable for handheld devices. * **Durability:** No mechanical contacts to wear out, unlike older mechanical bells.
    ✨ Follow-up Questions
    • ⤷What is the difference between the CD-1663P and a piezoelectric buzzer?
    • ⤷ Can I drive the CD-1663P directly from a 5V power source?
    • ⤷ How do I calculate the flyback diode value for this magnetic transducer?