データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CD08RL1AB-R

  • AI
    The **CD08RL1AB-R** is a specific electronic component belonging to the family of **DIP Switches**. Specifically, it is a rotary-coded DIP switch manufactured by C&K (now part of Littelfuse). These components are used to manually set configurations or binary values on a printed circuit board (PCB). --- ## 1. Component Overview The CD series is known for its compact size and reliability in providing binary-coded decimal (BCD) or hexadecimal outputs based on the position of the rotor. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | C&K / Littelfuse | | **Switch Type** | Rotary DIP | | **Number of Positions** | 8 (Octal) | | **Output Code** | Real Code (Binary) | | **Actuator Style** | Flush / Screwdriver Slot | | **Mounting Type** | Surface Mount (SMD/SMT), Right Angle | | **Contact Rating** | 0.4 VA @ 20V (AC or DC) | | **Operating Temperature** | -25°C to 85°C | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ## 2. Pin Configuration and Logic As an 8-position rotary switch, it typically utilizes 4 output pins plus one or more common pins. The output follows standard binary logic: | Position | Binary Output (4-2-1) | Logic State | | :--- | :--- | :--- | | 0 | 000 | All Open | | 1 | 001 | Pin 1 Closed | | 2 | 010 | Pin 2 Closed | | ... | ... | ... | | 7 | 111 | Pins 1, 2, and 4 Closed | --- ## 3. Key Features * **Process Sealed:** The "1" in the part number often indicates that the unit is sealed with an internal O-ring or top tape, allowing it to withstand automated wave soldering and surface mount cleaning processes. * **Compact Footprint:** Designed for high-density PCBs where space is at a premium. * **Right Angle Orientation:** The "RL" designation indicates a right-angle surface mount lead configuration, meaning the dial is adjusted from the side of the board rather than the top. --- ## 4. Typical Applications These switches are found in industrial and consumer electronics where "set-and-forget" logic is required: 1. **Address Setting:** Assigning IDs to devices on a communication bus (e.g., RS-485 or CAN bus). 2. **Mode Selection:** Selecting operational modes or frequency bands in RF equipment. 3. **Hardware Configuration:** Setting baud rates or calibration offsets without needing a digital interface. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'Real Code' and 'Complement Code' in rotary switches?
    • ⤷ Can you provide the footprint dimensions for the CD08RL1AB-R?
    • ⤷ What are the soldering temperature limits for this SMT component?