CD214B-R3100
AI

### CD214B-R3100 Component Overview
The **CD214B-R3100** is a specific model of a **Fast Response Rectifier Diode** manufactured by **Bourns**. It is designed for power rectification applications where high efficiency and high voltage handling are required in a compact surface-mount package.
---
### Key Specifications
Below are the primary technical parameters for the CD214B-R3100:
| Parameter | Value |
| :--- | :--- |
| **Component Type** | Rectifier Diode |
| **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 1000 V |
| **Average Forward Current ($I_{F(AV)}$)** | 3.0 A |
| **Forward Voltage Drop ($V_F$)** | ~1.15 V (at 3A) |
| **Reverse Recovery Time ($t_{rr}$)** | 500 ns (Standard/Fast) |
| **Operating Temperature Range** | -55°C to +150°C |
| **Package Type** | SMB (DO-214AA) |
---
### Technical Features
* **Surface Mount Technology (SMT):** Housed in a standard SMB/DO-214AA package, making it ideal for automated pick-and-place assembly.
* **High Voltage Capability:** With a 1000V rating, it is suitable for AC-DC rectification in high-voltage power supplies.
* **Thermal Performance:** Designed with a glass-passivated chip junction to ensure reliability and low leakage currents at high temperatures.
* **RoHS Compliant:** Leads are typically tin-plated (Matte Sn) and meet environmental safety standards.
---
### Common Applications
1. **Switching Power Supplies (SMPS):** Used for rectification in the primary or secondary stages of power converters.
2. **Inverters:** Employed in DC-AC conversion circuits for motor drives or solar power.
3. **Freewheeling Diodes:** Acts as a protection diode to dissipate energy from inductive loads (like relays or motors).
4. **Polarity Protection:** Prevents damage to circuits if the DC power supply is connected backwards.
---
### Mechanical Dimensions (SMB Package)
The SMB package is favored for balancing power dissipation with board space efficiency.
```text
__________
| |
| [ R3100] | <-- Typical Marking
|__________|
|_| |_| <-- Solder Pads (Cathode indicated by a band)
```
- ⤷
How does the CD214B-R3100 compare to the CD214B-R3600 in terms of voltage?
- ⤷ What is the specific recovery speed classification for this diode?
- ⤷ Can this diode be used in high-frequency switching above 100kHz?