CD214B-R3200
AI

The **CD214B-R3200** is a Surface Mount (SMD) Fast Response Rectifier Diode, typically manufactured by Bourns. It is part of the R3xxx series, designed for rectification in power supplies, converters, and freewheeling diode applications.
### 1. Key Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Part Number** | CD214B-R3200 | Device Identifier |
| **Max. Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200 V | Maximum voltage the diode can block in reverse. |
| **Average Forward Current ($I_{F(AV)}$)** | 3.0 A | Maximum continuous current it can conduct. |
| **Peak Forward Surge Current ($I_{FSM}$)** | 100 A | Maximum current for an 8.3ms single half-sine wave. |
| **Forward Voltage Drop ($V_F$)** | 1.15 V (Max) | Voltage drop across the diode at 3.0A. |
| **Reverse Recovery Time ($t_{rr}$)** | 500 ns | Time taken to stop conducting after polarity reversal. |
| **Operating Temperature** | -55°C to +150°C | Thermal range for safe operation. |
---
### 2. Physical Characteristics
The device uses the **SMB (DO-214AA)** package. This package is popular in automated assembly because of its low profile and reliable heat dissipation.
* **Case Material:** Molded plastic (UL 94V-0 rated).
* **Terminals:** Solderable per MIL-STD-750.
* **Polarity:** The band denotes the **Cathode** end.
---
### 3. Application Use Cases
Due to its 3A current rating and 200V peak reverse voltage, the CD214B-R3200 is commonly found in:
1. **Switching Power Supplies (SMPS):** Rectifying AC to DC or secondary side rectification.
2. **DC-DC Converters:** Used for voltage regulation and steering.
3. **Reverse Polarity Protection:** Protecting sensitive circuits if a battery or power supply is connected backwards.
4. **Freewheeling Diode:** Used in inductive loads (like motors or relays) to prevent voltage spikes when power is disconnected.
---
### 4. Circuit Diagram Symbol
The standard schematic symbol for this component is a generic diode symbol:
```text
Anode (A) Cathode (K)
[+] ----|>|---- [-]
^
Direction of
Current Flow
```
---
- ⤷
What are the main differences between the CD214B-R3200 and a Schottky diode?
- ⤷ How does the Reverse Recovery Time (trr) impact circuit efficiency?
- ⤷ What are the recommended PCB footprint dimensions for an SMB/DO-214AA package?