データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CDACV10M7GA016-R0

  • AI
    ## Overview of CDACV10M7GA016-R0 The **CDACV10M7GA016-R0** is a specific type of electronic component known as a **Ceramic Discriminator**, manufactured primarily by **Murata Electronics**. It is designed specifically for FM (Frequency Modulation) detection circuits. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Ceramic Discriminator | | **Center Frequency (fo)** | 10.700 MHz | | **Frequency Tolerance** | ±30 kHz | | **Recovered Audio Voltage** | 650 mV min. (at standard test conditions) | | **Distortion Factor** | 1.0% max. | | **Operating Temperature** | -20°C to +80°C | | **Package Type** | Surface Mount (SMD) | --- ### Key Features and Functionality The CDACV series utilizes the energy-trapping characteristics of piezoelectric ceramics. Here is how it functions within a circuit: 1. **FM Demodulation:** Its primary role is to convert frequency variations (the FM signal) into voltage variations (the audio signal). 2. **Phase Shifting:** It operates by shifting the phase of the signal based on the frequency deviation, allowing the IC (Integrated Circuit) to "discriminate" the audio data. 3. **Miniaturization:** As an SMD component, it is designed for high-density mounting in modern portable electronics. 4. **Adjustment Free:** Unlike older LC (Inductor-Capacitor) circuits, ceramic discriminators do not require manual tuning during production, which simplifies the manufacturing process. --- ### Common Applications This part is typically found in the Intermediate Frequency (IF) stage of radio communication equipment: * **FM Radios:** Standard consumer portable and home radio receivers. * **Wireless Communication:** Pagers, cordless phones, and walkie-talkies. * **Car Audio:** Integrated tuners in automotive entertainment systems. * **IF Modules:** General-purpose FM demodulation stages in electronic receivers. --- ### Comparison: Filter vs. Discriminator While they look similar, it is important to distinguish between these two: * **Ceramic Filter (SFELF series):** Used to "pass" or "reject" specific frequency bands to clean up the signal. * **Ceramic Discriminator (CDACV series):** Used to "decode" the signal to extract the sound/data from the carrier wave.
    ✨ Follow-up Questions
    • ⤷ What are the compatible ICs for the CDACV10M7GA016-R0?
    • ⤷ How does temperature affect the frequency stability of this ceramic discriminator?
    • ⤷ Can this part be replaced by a standard LC tank circuit in FM detection?