AI

The **CDR06BP102BFURAJ** is a high-reliability, military-grade surface mount multilayer ceramic capacitor (MLCC). This specific part number follows the MIL-PRF-55681 standard, which is used for mission-critical applications in aerospace, defense, and medical industries.
### 1. Part Number Breakdown
The part number can be decoded to understand its specific electronic properties:
| Code Segment | Description | Value/Meaning |
| :--- | :--- | :--- |
| **CDR06** | Style/Size | 2225 (Metric 5763) - Large Surface Mount Package |
| **BP** | Characteristic | COG/NPO (Ultra-stable, low loss, 0 ± 30 ppm/°C) |
| **102** | Capacitance | 1,000 pF (1.0 nF) |
| **B** | Tolerance | ±0.1% (Extremely high precision) |
| **F** | Voltage | 50 Volts |
| **U** | Termination | Silver-Nickel-Gold (Solderable) |
| **R** | Failure Rate | 0.01% per 1,000 hours (Level R - High Reliability) |
| **AJ** | Testing/Packaging | Specific Group Testing or Tape/Reel options |
---
### 2. Key Technical Specifications
These are the operational parameters that define the part's performance:
* **Capacitance:** 1.0 nF (Nanofarad).
* **Dielectric Type:** **BP (C0G/NP0)**. This is a Class I dielectric, meaning it does not vary significantly with changes in temperature, voltage, or time. It is highly linear.
* **Operating Temperature:** -55°C to +125°C.
* **Dissipation Factor:** Very low, typically < 0.15%, making it efficient for high-frequency circuits.
* **Insulation Resistance:** 100 GΩ or 1000 Ω-F (whichever is less) at 25°C.
---
### 3. Construction and Reliability
This part is manufactured to meet **MIL-PRF-55681** standards. Key features include:
1. **Multiple Layers:** Built by stacking ceramic dielectric layers and metal electrodes to achieve the desired capacitance in a small form factor.
2. **Established Reliability (ER):** The "R" failure rate indicates the component has undergone extensive life testing to ensure it meets strict military failure rate levels.
3. **Termination:** The "U" termination (Gold over Nickel) provides excellent shelf life and prevents oxidation, making it ideal for specialized soldering processes.
---
### 4. Typical Applications
Due to its high precision (±0.1%) and stability, the CDR06BP102BFURAJ is used in:
* **RF Oscillators:** Where frequency stability is critical.
* **Precision Filtering:** Used in signal processing where phase shift must be minimized.
* **Aerospace Avionics:** Where high-G forces and extreme temperature swings occur.
* **Timing Circuits:** Used as a reference capacitor in timing loops.
- ⤷
What is the difference between Class I and Class II ceramic capacitors?
- ⤷ How does the 'R' failure rate level compare to other military reliability levels?
- ⤷ Are there modern commercial equivalents for the CDR06 series?