データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CE-5J-R

  • AI
    The **CE-5J-R** is a specific type of **Crimp-on Wire Connector**, often referred to as a "Closed-End Connector" or "Nylon Pigtail Connector." It is widely used in electrical wiring to securely join two or more electrical conductors together. --- ### 1. Technical Specifications The part number "CE-5J-R" follows an industry-standard nomenclature for crimp connectors. | Feature | Specification | | :--- | :--- | | **Type** | Closed-End Crimp Connector | | **Wire Range** | 12 - 10 AWG (Typically) | | **Max Voltage** | 300V or 600V (depending on UL rating) | | **Temperature Rating** | 105°C (221°F) | | **Insulation Material** | Nylon 66 (Polyamide) | | **Metal Insert** | Tin-plated Copper or Aluminum tube | | **Color** | Translucent/Yellow (Industry standard for 10-12 AWG) | --- ### 2. Anatomy of the Component The CE-5J-R consists of two primary layers designed for safety and conductivity: #### A. Internal Crimp Tube Inside the plastic shell is a metal sleeve. When you insert stripped wires and squeeze the connector with a crimping tool, this sleeve deforms, creating a cold-weld bond between the wires. #### B. Outer Insulation Shell The "J" in the part number often refers to the nylon jacket. This shell is flared at the bottom to allow easy wire entry and is translucent to allow visual inspection of the connection. --- ### 3. Usage and Installation This part is commonly used in internal wiring for appliances, lighting fixtures, and automotive electronics where vibrations might loosen standard screw-on wire nuts. 1. **Strip:** Strip the insulation off the wires (approx. 10-15mm). 2. **Twist:** Twist the bare conductors together. 3. **Insert:** Push the wires into the connector until they reach the end of the metal tube. 4. **Crimp:** Use a dedicated crimping tool to compress the metal sleeve through the nylon shell. --- ### 4. Pros and Cons | Advantages | Disadvantages | | :--- | :--- | | Permanent, vibration-proof connection. | Cannot be reused; must be cut off to change wiring. | | Compact size for tight junction boxes. | Requires a specific crimping tool. | | Excellent insulation and heat resistance. | Not suitable for high-voltage industrial power. |
    ✨ Follow-up Questions
    • ⤷ What is the difference between CE-5J-R and a standard wire nut?
    • ⤷ What specific crimping tool is recommended for this connector?
    • ⤷ How many 14 AWG wires can safely fit into a CE-5J-R?