データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CFN1206-JX-R005ELF

  • AI
    ## Technical Analysis of CFN1206-JX-R005ELF The **CFN1206-JX-R005ELF** is a high-precision, metal foil current sense chip resistor manufactured by Bourns. It is specifically designed for applications requiring low resistance values and high stability for monitoring current flow. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's primary specifications: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CFN** | Series Name | Metal Foil Current Sense Resistor | | **1206** | Package Size | 1206 (3216 Metric) | | **J** | Tolerance | ±5% | | **X** | Temperature Coefficient | ±100 ppm/°C | | **R005** | Resistance Value | 0.005 Ohms (5 mΩ) | | **E** | Termination Type | Silver (Ag) / Nickel (Ni) / Sn (Matte Tin) | | **LF** | Compliance | Lead-Free (RoHS Compliant) | --- ### 2. Key Technical Specifications This component is engineered for power management circuits where accuracy and heat dissipation are critical. * **Resistance:** 5 mΩ (0.005 Ω) * **Power Rating:** 1 Watt at 70°C * **Operating Temperature Range:** -55°C to +155°C * **Technology:** Metal Foil (provides superior reliability compared to thick film for low-resistance values). * **Inductance:** Low (typically <5 nH), making it suitable for high-frequency switching applications. --- ### 3. Functional Applications Because of its very low resistance and 1W power rating, it is primarily used in **Current Sensing** (Ohm's Law: $V = I \times R$). * **BMS (Battery Management Systems):** Monitoring charge and discharge cycles in Li-ion packs. * **DC-DC Converters:** Providing feedback loops for voltage regulation. * **Motor Control:** Detecting overcurrent conditions to protect the motor and driver. * **Power Supplies:** Used in laptop adapters and industrial SMPS. --- ### 4. Comparison: Metal Foil vs. Thick Film | Feature | CFN Series (Metal Foil) | Standard Thick Film | | :--- | :--- | :--- | | **Stability** | High | Moderate | | **Noise** | Very Low | High | | **TCR (Temp. Coeff.)** | Low (Stable over heat) | High (Varies with heat) | | **Current Handling** | Excellent | Poor at very low Ω | ---
    ✨ Follow-up Questions
    • ⤷ How does the TCR (Temperature Coefficient of Resistance) affect the accuracy of current sensing in this part?
    • ⤷ What are the recommended PCB landing patterns for a 1206 metal foil resistor to ensure heat dissipation?
    • ⤷ Are there 1% tolerance versions of this specific Bourns series available?