データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CGAT-R-12

  • AI
    Based on the technical specifications for heat-shrinkable tubing in the **CGAT** series (specifically **CGAT-R-12**), here is a breakdown of its electronic properties and technical composition. --- ## 1. Overview of CGAT-R-12 **CGAT** is a high-performance, adhesive-lined, flexible polyolefin heat-shrinkable tubing. The "R" usually denotes a specific color or spooling standard, and "12" refers to the pre-shrink diameter in millimeters. ### Key Electronic Characteristics | Property | Specification | Value/Effect | | :--- | :--- | :--- | | **Dielectric Strength** | ASTM D 2671 | $\ge$ 20 kV/mm | | **Volume Resistivity** | ASTM D 2671 | $10^{12} \Omega \cdot cm$ (min) | | **Voltage Rating** | Commercial/Industrial | 600V | | **Corrosion Resistance** | Non-corrosive | Protects copper traces | --- ## 2. Technical Electronic Functions The CGAT-R-12 serves three primary roles in electronic assemblies: ### A. Electrical Insulation The polyolefin jacket acts as a primary insulator. With a dielectric strength of **20,000 volts per millimeter**, it prevents electrical arcing and short circuits even in high-density wiring environments. ### B. Environmental Sealing (Adhesive Lining) The "R" series features an inner layer of **hot-melt adhesive**. * **Moisture Barrier:** When heated, the adhesive melts and flows, creating a permanent, water-tight seal. * **Corrosion Prevention:** It prevents oxidation of soldered joints or crimped terminals by blocking oxygen and moisture. ### C. Mechanical Strain Relief In electronic connectors, the 3:1 shrink ratio allows the tubing to grip both the wire and the connector housing tightly, redistributing mechanical stress away from the delicate solder points. --- ## 3. Physical & Material Properties These properties ensure the electronic components remain stable under thermal load. * **Shrink Ratio:** 3:1 (Reduces from 12mm to approximately 4mm). * **Operating Temperature:** $-55^{\circ}C$ to $+110^{\circ}C$. * **Minimum Shrink Temp:** $+80^{\circ}C$. * **Flammability:** The outer jacket is flame retardant (though the internal adhesive is not). --- ## 4. Typical Electronic Applications * **Wire Splices:** Insulating butt-splices in automotive or marine wiring. * **Backshell Sealing:** Providing a seal between a cable and a circular connector. * **Breakouts:** Protecting the point where a cable jacket is stripped to expose individual conductors.
    ✨ Follow-up Questions
    • ⤷ What is the chemical compatibility of CGAT-R-12 with industrial solvents?
    • ⤷ How does the 3:1 shrink ratio compare to the standard 2:1 ratio for electronic applications?
    • ⤷ Are there specific UL or MIL-spec certifications for this tubing?