データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CI201210-R27J

  • AI
    The **CI201210-R27J** is a surface-mount multilayer chip inductor, commonly used in high-frequency filtering and signal processing. Its nomenclature follows standard industry conventions for passive components. --- ### 1. Specification Breakdown The part number can be decoded as follows: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CI** | Series Type | Chip Inductor (Multilayer) | | **201210** | Physical Size | 2.0 x 1.2 x 1.0 mm (EIA 0805) | | **R27** | Inductance Value | 0.27 µH (270 nH) | | **J** | Tolerance | ±5% | --- ### 2. Technical Characteristics As a multilayer ceramic inductor, this component is designed for low-power, high-density circuits where space is a premium. * **Inductance:** 270 nH (measured at a specific test frequency, usually 25 MHz). * **Case Size:** 0805 (Imperial) or 2012 (Metric). * **Material:** Often utilizes a ceramic body with internal silver (Ag) electrodes to minimize resistance. * **Operating Temperature:** Typically ranges from -55°C to +125°C. * **Q-Factor:** Generally provides a high Quality factor for stable performance in RF circuits. --- ### 3. Common Applications This specific inductor value is frequently found in the following electronic sectors: 1. **RF Circuits:** Used for impedance matching and resonance in wireless modules (Bluetooth, Wi-Fi). 2. **Signal Filtering:** Employed in EMI/RFI suppression to clean up high-frequency noise on signal lines. 3. **Mobile Electronics:** Ideal for smartphones and tablets due to the compact 0805 footprint. 4. **Oscillators:** Used in LC tank circuits to set specific frequency ranges. --- ### 4. Comparison with Other Inductors Compared to wire-wound inductors, the CI201210 series offers: * **Pros:** Better magnetic shielding, smaller size, and high reliability for automated SMT assembly. * **Cons:** Lower current handling capability and higher DC resistance (DCR) compared to large power inductors.
    ✨ Follow-up Questions
    • What is the maximum current rating (Imax) for this specific inductor series?
    • How does the Q-factor of multilayer inductors compare to wire-wound types?
    • What are the typical alternatives for the CI201210-R27J in power-sensitive applications?