データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CJ-R

  • AI
    The **CJ-R** typically refers to a specialized series of **high-voltage, high-reliability ceramic capacitors** or, in some industrial contexts, specific **electromagnetic relay modules**. Given the most common application in electronic component sourcing, this explanation focuses on the CJ-R ceramic capacitor line used in power electronics and automotive systems. --- ### 1. Technical Specifications Table The following table outlines the general electronic characteristics associated with the CJ-R component family: | Parameter | Range / Type | | :--- | :--- | | **Component Type** | Multilayer Ceramic Capacitor (MLCC) / Relay | | **Dielectric Material** | X7R, C0G (NP0), or X8R | | **Voltage Rating** | 25V to 3000V DC | | **Capacitance Range** | 100pF to 10µF | | **Operating Temp** | -55°C to +125°C (up to 150°C for X8L/R) | | **Termination** | Standard Tin (Sn) or Flexible Termination (Soft-Term) | --- ### 2. Key Electronic Features #### A. Dielectric Stability The "R" in CJ-R often denotes a specific temperature coefficient (like **X7R**). This means the capacitance remains relatively stable (within ±15%) across a wide temperature range, making it ideal for bypass and decoupling applications in harsh environments. #### B. Mechanical Robustness Many CJ-R parts utilize **Flexible Termination** technology. * **How it works:** A conductive epoxy layer is added between the ceramic body and the outer tin plating. * **Benefit:** This allows the component to bend slightly without cracking the ceramic dielectric, which is critical for PCBs used in automotive or vibrating industrial machinery. #### C. High Voltage Handling The internal electrode structure is designed to minimize electric field concentration, preventing internal arcing and dielectric breakdown at high voltages. --- ### 3. Common Applications Due to their durability and electrical characteristics, CJ-R parts are found in: 1. **Automotive Electronics:** Engine Control Units (ECUs) and battery management systems. 2. **Power Supplies:** Input filtering for DC-DC converters. 3. **Industrial Lighting:** Ballasts and LED drivers. 4. **Telecommunications:** High-frequency noise suppression. --- ### 4. Code Identification Example When reading a CJ-R part number, the sequence usually follows this logic: ```text Example: CJ 0805 R 104 K 500 | | | | | | | | | | | +-- Voltage (e.g., 50V) | | | | +------ Tolerance (K = ±10%) | | | +---------- Capacitance (104 = 100nF) | | +--------------- Dielectric (R = X7R) | +-------------------- Case Size (0805) +------------------------ Series Prefix ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between standard and flexible termination in CJ-R parts?
    • ⤷ How does the X7R dielectric compare to C0G in terms of stability?
    • ⤷ Which case sizes are most common for the CJ-R high-voltage series?