データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CM09-R32P

  • AI
    The **CM09-R32P** is a high-performance, industrial-grade circular connector part of the CM09 series, typically manufactured by companies like **DDK (Dai-ichi Denshi Kogyo)**. These connectors are designed for applications requiring high reliability, such as factory automation, robotics, and industrial machinery. --- ### ## Technical Specifications Below is a breakdown of the electronic and mechanical characteristics of the CM09-R32P: | Feature | Specification | | :--- | :--- | | **Component Type** | Circular Connector (Receptacle) | | **Number of Pins** | 32 Pins | | **Gender** | Male (Plug/Pins inside the receptacle) | | **Mounting Style** | Panel Mount | | **Current Rating** | ~3A per contact (Approximate, varies by gauge) | | **Voltage Rating** | 250V AC (rms) | | **Dielectric Strength** | 1,000V AC (rms) for 1 minute | | **Insulation Resistance** | 1,000 MΩ minimum (at 500V DC) | --- ### ## Internal Composition and Parts The CM09-R32P is comprised of several critical sub-components that ensure electrical integrity: 1. **Contact Pins:** * Made of high-conductivity copper alloy. * Usually plated with **Gold over Nickel** to prevent oxidation and ensure low contact resistance over time. 2. **Insulator (Core):** * Constructed from synthetic resin (often PBT or PPS). * Provides high heat resistance and electrical isolation between the 32 densely packed pins. 3. **Shell (Body):** * The outer housing is usually aluminum alloy with a chrome or nickel finish. * Provides EMI/RFI shielding to protect signal integrity from external noise. 4. **O-Ring/Gasket:** * Integrated seals provide environmental protection (often rated up to IP67 when mated) against dust and water ingress. --- ### ## Key Features * **One-Touch Bayonet Locking:** Unlike threaded connectors, the CM09 series often uses a "push-on/turn" mechanism for quick and secure mating. * **High Density:** Packing 32 pins into a small circular footprint makes it ideal for multi-signal transmission in compact spaces. * **Grounding:** The shell is designed to provide a continuous ground path for safety and noise reduction. --- ### ## Typical Applications * **Industrial Robots:** Connecting control units to multi-axis motors. * **CNC Machinery:** Handling feedback signals from encoders. * **Medical Equipment:** High-density signal routing in diagnostic machines.
    ✨ Follow-up Questions
    • ⤷ What is the compatible plug part number for mating with the CM09-R32P?
    • ⤷ Can the CM09-R32P be used for power transmission or is it signal only?
    • ⤷ What are the crimping tool requirements for the 32 pins in this connector?