データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CM201212-R33K

  • AI
    The **CM201212-R33K** is a surface-mount (SMD) inductor, specifically a multi-layer chip inductor commonly used in high-frequency and general-purpose electronic circuits. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Component Segment | Meaning | Specification | | :--- | :--- | :--- | | **CM** | Series Code | Chip Multi-layer Inductor | | **201212** | Case Size (Metric) | 2.0mm x 1.25mm x 1.25mm (0805 Imperial) | | **R33** | Inductance Value | 0.33 microhenries ($\mu$H) | | **K** | Tolerance | $\pm$ 10% | --- ### 2. Technical Specifications The electrical behavior of the CM201212-R33K is defined by its ability to store energy in a magnetic field and its resistance to alternating current. * **Inductance:** $0.33\ \mu\text{H}$ (at a specified test frequency, usually 25 MHz). * **Tolerance:** $\pm 10\%$ (Standard for general-purpose inductors). * **DC Resistance (DCR):** Usually ranges between $0.30\ \Omega$ to $0.60\ \Omega$ depending on the manufacturer (e.g., Bourns). * **Rated Current:** Typically around $300\text{mA}$ to $500\text{mA}$. * **Self-Resonant Frequency (SRF):** High frequency (often $>250\text{MHz}$), making it suitable for RF applications. --- ### 3. Physical Construction and Features The "201212" designation refers to the 0805 package size. Its construction involves: * **Monolithic Structure:** Layers of ceramic and conductive material are sintered together, creating a rugged, reliable part. * **Magnetic Shielding:** Due to the multi-layer construction, these inductors provide a closed magnetic circuit, reducing electromagnetic interference (EMI) and crosstalk with neighboring components. * **Solderability:** Features nickel barrier terminations with a tin (Sn) finish for excellent reflow soldering performance. --- ### 4. Common Applications The CM201212-R33K is versatile and found in various signal processing circuits: 1. **RF Circuits:** Used in impedance matching and resonance circuits for communication devices (Wi-Fi, Bluetooth). 2. **Filtering:** Acts as a low-pass filter to block high-frequency noise in power supply lines. 3. **Signal Decoupling:** Prevents high-frequency interference from affecting sensitive integrated circuits (ICs). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a multi-layer inductor and a wire-wound inductor?
    • ⤷ How do I calculate the resonant frequency for this specific inductor?
    • ⤷ What are the common manufacturers for the CM201212 series?