データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CM453232-R10

  • AI
    The **CM453232-R10** is a specific surface-mount (SMD) wire-wound chip inductor commonly used in radio frequency (RF) and signal processing applications. --- ### ## Technical Specifications The part number follows a standard industry convention, typically associated with manufacturers like **Bourns** or **TDK**. Below is the technical breakdown: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.10 µH (indicated by "R10") | | **Tolerance** | ±10% or ±20% (depending on the suffix, e.g., 'K' or 'M') | | **Package Size** | 1812 (4.5mm x 3.2mm x 3.2mm) | | **DC Resistance (DCR)** | ~0.13 Ω to 0.44 Ω (Max) | | **Rated Current** | ~450 mA to 800 mA | | **Self-Resonant Frequency (SRF)** | > 400 MHz | | **Core Material** | Ferrite | --- ### ### Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: * **CM**: Chip Molded (indicates a molded wire-wound construction). * **453232**: Represents the dimensions in millimeters ($4.5 \times 3.2 \times 3.2$ mm). In the imperial system, this is an **1812** package. * **R10**: The inductance value. "R" acts as the decimal point ($0.10$). If it were $1R0$, it would be $1.0$ µH. --- ### ### Key Features & Construction 1. **Wire-Wound Core:** Unlike multilayer inductors, this uses a copper wire wrapped around a ferrite core. This provides a higher **Q-factor** (quality factor) and better current handling. 2. **Molded Encapsulation:** The "M" in the prefix usually denotes a molded resin body, which protects the internal windings from mechanical stress, moisture, and vibration. 3. **High Frequency Stability:** Because the inductance is low (0.10 µH), it is optimized for high-frequency performance and maintains stability across a wide temperature range. --- ### ### Common Applications * **RF Circuits:** Used in impedance matching and resonance circuits for communication equipment. * **Filtering:** Acting as a low-pass filter to block high-frequency noise in power supply lines. * **Signal Decoupling:** Preventing cross-talk between different stages of a high-speed circuit. --- ### ### Example Schematic Representation In a basic circuit diagram, the component is represented as an inductor ($L$): ```spice * Simple Low Pass Filter Example Vin 1 0 AC 1 L1 1 2 0.10uH ; The CM453232-R10 Inductor C1 2 0 10nF Rload 2 0 50 ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a wire-wound and a multilayer chip inductor?
    • ⤷ How do I calculate the resonant frequency for a circuit using this inductor?
    • ⤷ What is the significance of the Q-factor in RF applications?