データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CM453232-R12M

  • AI
    The **CM453232-R12M** is a surface-mount (SMD) wire-wound chip inductor commonly used in radio frequency (RF) and signal filtering circuits. Below is a detailed breakdown of its electronic characteristics. --- ### 1. Part Number Breakdown The nomenclature follows a standard industry format for passive components: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CM** | Series Code | Wire-wound chip inductor series | | **453232** | Case Size | Dimensions: 4.5mm x 3.2mm x 3.2mm (Metric) | | **-R12** | Inductance Value | **0.12 µH** (R denotes the decimal point) | | **M** | Tolerance | **±20%** | --- ### 2. Technical Specifications These parameters define how the part behaves in a circuit: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.12 µH | | **Tolerance** | ±20% | | **Quality Factor (Q min)** | 30 (at test frequency) | | **Self-Resonant Frequency (SRF)** | ~500 MHz (typical minimum) | | **DC Resistance (DCR max)** | ~0.22 Ω | | **Rated Current (Idc)** | ~450 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Physical Construction * **Core Material:** Usually a Ferrite core to provide high permeability and stability. * **Winding:** Copper wire wound around the core, providing better performance at higher currents compared to multilayer inductors. * **Encapsulation:** Molded or coated resin for environmental protection and mechanical strength during pick-and-place assembly. --- ### 4. Typical Applications The CM453232 series is versatile but specifically optimized for: 1. **RF Circuits:** Impedance matching and resonance in telecommunication devices. 2. **Filtering:** Suppressing high-frequency noise in power supply lines (DC-DC converters). 3. **Signal Conditioning:** Used in video equipment, TVs, and automotive electronics to maintain signal integrity. --- ### 5. Design Considerations * **Current Saturation:** Ensure the peak circuit current does not exceed the rated **Idc**, otherwise, inductance will drop significantly. * **SRF (Self-Resonant Frequency):** The inductor acts as a capacitor above its SRF. For this part (0.12 µH), it is best used in applications well below 500 MHz. * **Footprint:** This is an **1812 (Imperial)** equivalent package. Ensure the PCB land pattern matches the 4.5 x 3.2mm footprint.
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor?
    • ⤷ How does the Q factor affect the performance of this inductor in RF circuits?
    • ⤷ Can this inductor be used for power filtering in 5V DC lines?