データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CM453232-R561L

  • AI
    The **CM453232-R561L** is a surface-mount (SMD) wire-wound chip inductor commonly used in radio frequency (RF) and signal filtering applications. It is part of the "CM" series, typically manufactured by companies like **Bourns** or **TDK**. --- ## 1. Technical Specifications The part number follows a standardized naming convention that reveals its physical size and electrical properties: | Feature | Specification | Detail | | :--- | :--- | :--- | | **Inductance** | 0.56 µH | Indicated by "R56" (R = decimal point) | | **Tolerance** | ±15% | Indicated by the "L" suffix | | **Package Size** | 4532 (Metric) / 1812 (Imperial) | 4.5mm x 3.2mm x 3.2mm | | **Current Rating** | ~450 mA | Maximum DC current (typical for this value) | | **DC Resistance (DCR)** | 0.45 Ω (Max) | Internal resistance of the wire | | **Q Factor (Min)** | 30 | Quality factor at test frequency (25.2 MHz) | | **SRF (Min)** | 250 MHz | Self-Resonant Frequency | --- ## 2. Construction and Design The component is built using a **wire-wound** architecture: * **Core Material:** Usually a ferrite or ceramic core depending on the inductance value. * **Encapsulation:** The "3232" height indicates a molded or resin-coated body that protects the copper windings from environmental damage. * **Terminations:** Features solder-plated copper or tin-lead terminals designed for reflow soldering. --- ## 3. Typical Applications Because of its high Q-factor and stable inductance, this part is used in: 1. **RF Circuits:** Impedance matching and tuning in communication devices. 2. **Filtering:** Low-pass or band-pass filters to remove high-frequency noise from signal lines. 3. **Consumer Electronics:** Used in TVs, VCRs, and automotive infotainment systems for EMI suppression. 4. **Power Decoupling:** Preventing noise from switching power supplies from entering sensitive analog stages. --- ## 4. Key Advantages * **High Self-Resonant Frequency:** Allows the inductor to operate efficiently at high frequencies without becoming capacitive. * **Standard Footprint:** The 1812 (4532) size is a industry-standard footprint, making it easy to source and replace. * **Durability:** The molded construction provides excellent mechanical strength and heat resistance.
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor?
    • ⤷ How does the 'L' tolerance affect sensitive RF tuning circuits?
    • ⤷ Can this inductor be used in high-power LED driver circuits?