データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CMB24-SR-R

  • AI
    ### Overview of the CMB24-SR-R The **CMB24-SR-R** is a specialized electronic actuator manufactured by **Belimo**. It is primarily used in HVAC systems for the modulating control of dampers or valves. The "SR" designation typically refers to its modulating control signal, while the "R" indicates specific rotation or mounting configurations. --- ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Power Supply** | 24V AC/DC, 50/60 Hz | | **Power Consumption** | ~1W (Running) / 0.5W (Holding) | | **Control Signal** | 2 to 10 VDC (Modulating) | | **Operating Range** | 2 to 10 VDC (corresponds to 0% to 100% position) | | **Torque** | 18 in-lb [2 Nm] | | **Angle of Rotation** | Max 95°, adjustable with mechanical stops | | **Position Feedback** | 2 to 10 VDC (Actual position output) | --- ### Internal Electronic Components The device functions through a combination of power management, signal processing, and motor control electronics: 1. **Brushless DC Motor (BLDC):** * Unlike traditional brushed motors, this uses electronic commutation. * **Benefit:** Provides higher efficiency, quieter operation, and significantly longer lifespan by eliminating friction from brushes. 2. **Microprocessor Control:** * The "brain" of the unit. It interprets the 2-10V input signal and compares it to the current position of the actuator. * It manages the **Overload Protection**, ensuring the motor does not burn out if the damper is jammed. 3. **Potentiometer / Position Sensor:** * An internal sensor that provides constant feedback to the microprocessor regarding the shaft's angle. * This enables the "SR" (Self-Regulating/Modulating) capability for precise positioning. 4. **Rectifier and Voltage Regulator:** * Converts the 24V AC/DC input into stable low-voltage DC required for the sensitive internal logic circuits. --- ### Wiring and Connectivity The actuator typically uses a standard color-coded cable for installation: | Wire Color | Designation | Function | | :--- | :--- | :--- | | **Black** | 1 (Common) | System Ground / Negative | | **Red** | 2 (+ Hot) | 24V Power Supply | | **White** | 3 (Y-Signal) | 2-10V Input Control Signal | | **Orange** | 4 (U-Feedback) | 2-10V Output Position Feedback | --- ### Protective Features * **Electronic Stall Detection:** The actuator is electronically protected against overload. It does not require limit switches; it will stop automatically at the end of its stroke or if an obstruction is met. * **Direction of Rotation Switch:** A physical or electronic toggle that allows the user to define whether a 10V signal means "Open" or "Closed" (Clockwise vs. Counter-Clockwise).
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the CMB24-SR-R if the stroke length is shorter than 95 degrees?
    • ⤷ Can this actuator be wired in parallel with other units?
    • ⤷ What are the common troubleshooting steps for a 2-10V signal failure?