データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CMF-RLC50

  • AI
    ### CMF-RLC50 Electronic Component Overview The **CMF-RLC50** belongs to the **CMF series** of high-precision metal film resistors. These components are specifically designed for applications requiring tight tolerances, low temperature coefficients, and high stability over time. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the CMF-RLC50 model: | Parameter | Value / Specification | | :--- | :--- | | **Resistor Type** | Precision Metal Film | | **Power Rating** | 0.50 Watts (at 70°C) | | **Tolerance Range** | ±0.1% to ±1% (Standard) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C to ±100 ppm/°C | | **Operating Temperature** | -55°C to +175°C | | **Voltage Rating** | 200V to 300V (depending on variant) | | **Construction** | Axial Leaded | --- ### 2. Design and Construction The CMF-RLC50 is built using a sophisticated manufacturing process to ensure reliability: * **Resistive Element:** A thin film of metal alloy is deposited onto a high-grade ceramic core. * **Termination:** Cap and lead construction provides high mechanical strength. * **Coating:** Encapsulated in a flame-retardant epoxy or silicone coating to protect against moisture and environmental contaminants. * **Marking:** Typically utilizes a color-band system or alphanumeric printing to indicate resistance value and tolerance. --- ### 3. Applications and Usage Because of its stability, the CMF-RLC50 is commonly found in: 1. **Instrumentation:** Precision measurement devices and scales. 2. **Medical Electronics:** Equipment requiring long-term reliability and low noise. 3. **Audio Equipment:** High-end pre-amps where low thermal noise is critical. 4. **Military/Aerospace:** Circuits subjected to wide temperature fluctuations. --- ### 4. Implementation Example When integrating this resistor into a circuit, it is often treated as a standard axial component. Below is a generic representation of how it might be referenced in a netlist or BOM: ```yaml Component: R1 Part_Number: CMF-RLC50-10K-0.1 Description: Metal Film Resistor, 10k Ohm, 0.5W, 0.1% Package: Axial-0.50 Manufacturer: Vishay/Dale (Typical) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CMF-RLC50 and standard carbon film resistors?
    • ⤷ How does the power derating curve affect the CMF-RLC50 at temperatures above 70°C?
    • ⤷ Are there surface-mount (SMD) equivalents to the CMF-RLC50 series?