データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CMP-R015-1.0

  • AI
    The **CMP-R015-1.0** is an electronic component typically categorized as a **Surface Mount (SMD) Current Sense Resistor**. These components are specifically designed to measure current flow within a circuit by monitoring the voltage drop across a known low resistance value. --- ### Technical Specifications Below is a breakdown of the typical specifications for this part number based on standard industry naming conventions: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Part Series** | CMP | Often denotes a Metal Plate or Chip Resistor series. | | **Resistance Value** | R015 | 0.015 Ohms (15 mΩ). | | **Tolerance** | 1.0 | ±1% Accuracy. | | **Mounting Type** | SMD/SMT | Surface Mount Technology. | | **Material** | Metal Alloy | Provides high stability and low thermal EMF. | --- ### Core Electronic Characteristics #### 1. Low Resistance Value (Shunt) The "R015" signifies a resistance of **15 milliohms**. This extremely low value is necessary for current sensing to ensure that the power dissipated by the resistor itself ($P = I^2R$) is kept to a minimum, preventing excessive heat and power loss. #### 2. Power Rating While the physical size (package code) determines the exact wattage, resistors in this class typically handle between **0.5W to 3W**. The metal plate construction allows it to withstand higher pulse currents compared to standard thick-film resistors. #### 3. Temperature Coefficient of Resistance (TCR) Electronic parts like the CMP-R015-1.0 are engineered for a low TCR (often ±50ppm/°C to ±100ppm/°C). This ensures that the resistance remains stable even as the component heats up, providing accurate current readings across a wide temperature range. --- ### Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion batteries. * **DC-DC Converters:** Providing feedback for current-mode control loops. * **Motor Controllers:** Sensing phase current to protect the motor from overcurrent conditions. * **Power Supplies:** Implementing overcurrent protection (OCP). --- ### Typical Circuit Implementation In a standard circuit, the CMP-R015-1.0 is placed in series with the load. An Operational Amplifier (Op-Amp) or a dedicated Current Sense Amplifier measures the voltage across it. ```c // Calculation Example: // If the measured voltage (V) across the resistor is 15mV: // Current (I) = V / R // I = 0.015V / 0.015 Ohms // I = 1.0 Ampere ```
    ✨ Follow-up Questions
    • ⤷What is the physical package size (e.g.
    • ⤷ 1206
    • ⤷ 2512) for this specific resistor?
    • ⤷ How does a metal plate resistor differ from a standard thick film resistor?
    • ⤷ What is the maximum current this resistor can handle if it is rated for 1 Watt?