データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CMP-R100-1.0

  • AI
    The **CMP-R100-1.0** is a specific type of **Current Sense Resistor** (Shunt Resistor) designed for high-precision power management and current monitoring. It is commonly used in automotive, industrial, and power supply applications. --- ### 1. Key Technical Specifications Based on the part number nomenclature (specifically the "R100" and "1.0"), here are the primary electronic characteristics: | Parameter | Value / Description | | :--- | :--- | | **Resistance Value** | 100 mΩ (0.1 Ohms) | | **Tolerance** | Typically ±1.0% (Indicated by the "1.0") | | **Component Type** | Metal Plate / Surface Mount (SMD) | | **Technology** | Low-induction, High-stability Metal Foil or Alloy | --- ### 2. Internal Composition and Materials The "CMP" series typically utilizes a **Metal Plate** construction. Unlike standard thick-film resistors, these parts are built using: * **Manganin or Ni-Cr Alloy:** Provides a very low Temperature Coefficient of Resistance (TCR), meaning the resistance doesn't change significantly as the part heats up. * **Flame Retardant Coating:** High-temperature epoxy or ceramic molding to protect the resistive element. * **Large Copper Terminations:** Designed to handle high current loads and provide a solid thermal path to the PCB. --- ### 3. Functional Role in a Circuit The CMP-R100-1.0 acts as a "Shunt." Its primary functions include: 1. **Current Sensing:** By placing this resistor in series with a load, the system measures the voltage drop across it ($V = I \times R$). Since $R$ is known (0.1Ω), the system can calculate the current ($I$). 2. **Overcurrent Protection:** If the voltage drop exceeds a specific threshold, the control IC can shut down the circuit to prevent damage. 3. **Battery Management:** Used in BMS (Battery Management Systems) to monitor charging and discharging cycles. --- ### 4. Typical Applications * **DC-DC Converters:** Monitoring output current for feedback loops. * **Motor Controllers:** Detecting torque and preventing stalls by monitoring phase current. * **Automotive Electronics:** Used in ECU modules and battery monitoring sensors. * **Laptops/Mobile Devices:** Managing power distribution from the battery to internal components. --- ### 5. Design Considerations When using this part, engineers must account for: * **Power Rating (Wattage):** Ensure the $P = I^2 \times R$ calculation does not exceed the component's rated wattage (often 1W to 3W for this class). * **Kelvin Connection (4-Terminal):** To get the most accurate reading of 100mΩ, the voltage sensing traces should be separate from the high-current path.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating (Wattage) for this specific resistor package?
    • ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of the CMP-R100-1.0?
    • ⤷ Can you explain the difference between thick-film and metal-plate current sense resistors?