CMP6
AI

The **CMP6** (specifically the **CM-P6**) is a high-precision pyranometer used for measuring solar irradiance. It is an electronic sensor designed for routine monitoring in meteorological stations and solar energy applications.
---
## 1. Internal Electronic Structure
The CMP6 operates as a passive electronic component, meaning it does not require an external power source to generate a measurement signal.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Thermopile** | A series of thermocouples (64 junctions). | Converts thermal energy into a DC voltage. |
| **Black Coating** | High-absorption carbon-based layer. | Absorbs solar radiation to create a temperature gradient. |
| **Passive Circuit** | Resistor network inside the housing. | Provides temperature compensation and standardized output. |
| **Shielding** | Internal metallic Faraday cage. | Protects the signal from Electromagnetic Interference (EMI). |
---
## 2. Operating Principle
The electronic operation follows a specific physical-to-electrical conversion process:
1. **Thermal Absorption:** Solar radiation hits the black sensor surface.
2. **Seebeck Effect:** The temperature difference between the "hot" junctions (under the black paint) and the "cold" junctions (the sensor body) generates a low-level DC voltage.
3. **Linear Output:** The generated voltage is directly proportional to the incident solar radiation (measured in $W/m^2$).
---
## 3. Technical Specifications
The following table highlights the electrical characteristics of the CMP6:
| Specification | Value/Detail |
| :--- | :--- |
| **Sensitivity** | 5 to 20 $\mu V/W/m^2$ |
| **Impedance** | 20 to 200 $\Omega$ |
| **Response Time** | < 6 seconds (95% response) |
| **Non-linearity** | < 1% (up to 1000 $W/m^2$) |
| **Output Range** | 0 to 20 mV (typical) |
---
## 4. Integration and Wiring
Because the output is a very low-level analog signal (millivolts), the CMP6 is typically connected to a **Data Logger** or a **Signal Amplifier**.
```python
# Conceptual logic for calculating Irradiance (W/m^2)
# Formula: Irradiance = (Output_Voltage - Offset) / Sensitivity
measured_voltage = 0.0125 # Volts (12.5 mV)
sensitivity = 0.000015 # 15 microvolts per W/m^2
irradiance = measured_voltage / sensitivity
print(f"Solar Irradiance: {irradiance} W/m^2")
```
---
- ⤷
How does the CMP6 handle temperature compensation electronically?
- ⤷ What is the difference between the CMP6 and the digital SMP6 version?
- ⤷ What type of data loggers are compatible with the CMP6's millivolt output?