データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CMPS5061

  • AI
    ## CMPS5061 Electronic Components and Architecture The **CMPS5061** (often categorized under similar series like the CMPS5060) is an Integrated Circuit (IC) primarily used in **Power Factor Correction (PFC)** and **Switch-Mode Power Supply (SMPS)** controllers. It is designed to manage power efficiency and regulate voltage in high-performance power adapters. ### 1. Core Internal Components The electronic architecture of the CMPS5061 consists of several functional blocks that manage electricity: | Component | Function | | :--- | :--- | | **PWM Controller** | Pulse Width Modulation engine that regulates the output voltage by adjusting duty cycles. | | **High-Voltage Startup** | Internal circuitry that allows the IC to start up directly from the rectified AC line. | | **Error Amplifier** | Compares the feedback voltage against an internal reference to maintain stability. | | **Gate Driver** | A high-current output stage designed to drive the gate of an external Power MOSFET. | | **Protection Logic** | Circuits for Over-Voltage (OVP), Over-Current (OCP), and Thermal Shutdown (TSD). | --- ### 2. Pin Configuration and Definitions The IC typically follows a standard 6 or 8-pin layout. Below are the common electronic functions associated with its pins: 1. **VCC:** The power supply pin for the IC (usually ranges from 12V to 25V). 2. **GND:** Ground reference for all internal signals. 3. **FB (Feedback):** Receives the optocoupler signal to regulate the output voltage. 4. **CS (Current Sense):** Monitors the current passing through the primary MOSFET via a shunt resistor. 5. **GATE:** The output signal sent to the external switching transistor. 6. **HV (High Voltage):** Connected to the bulk capacitor for the initial startup phase. --- ### 3. Key Technical Specifications To understand the electronic capabilities of this part, refer to these typical operational parameters: * **Switching Frequency:** Usually fixed or jittered (e.g., 65kHz or 100kHz) to reduce Electromagnetic Interference (EMI). * **Operating Temperature:** -40°C to +125°C. * **Standby Power:** Designed for ultra-low power consumption (Green Mode) during no-load conditions. --- ### 4. Circuit Implementation Example In a typical electronic circuit, the CMPS5061 acts as the "brain." ```mermaid graph LR AC_Input --> Rectifier Rectifier --> CMPS5061_HV CMPS5061_GATE --> MOSFET MOSFET --> Transformer Transformer --> Output_DC Output_DC --> Optocoupler Optocoupler --> CMPS5061_FB ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative ICs for the CMPS5061?
    • ⤷ How do I troubleshoot a 'no-start' condition in a CMPS5061 circuit?
    • ⤷ What is the maximum voltage rating for the HV (High Voltage) pin?