データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CMPS5062

  • AI
    The **CMPS5062** is a high-performance integrated circuit, typically categorized as a **Capacitive Touch Sensor Controller**. It is designed to interface with various capacitive electrodes to detect human touch or proximity, converting physical interactions into digital signals for microcontrollers. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the CMPS5062: | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage (VCC)** | 2.5V to 5.5V | | **Channels** | 6 to 12 (depending on configuration) | | **Communication Interface** | I2C (Inter-Integrated Circuit) | | **Operating Current** | < 1mA (Active), < 10µA (Sleep) | | **Package Type** | QFN-24 or SSOP-24 | | **Response Time** | ~10ms to 50ms | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the CMPS5062 consists of several functional blocks: * **Analog Front-End (AFE):** Contains the sensing circuits that measure the change in capacitance when a finger approaches an electrode. * **ADC (Analog-to-Digital Converter):** Converts the analog capacitance delta into a digital value for processing. * **Digital Logic / MCU Core:** Processes the raw data, applies noise filters, and determines if a "touch event" has occurred based on programmable thresholds. * **I2C Engine:** Handles communication with the host processor (e.g., Arduino, ESP32, or ARM Cortex). * **Calibration Engine:** Automatically compensates for environmental changes (humidity, temperature) to prevent "ghost touches." --- ### 3. Basic Connection Diagram To integrate the CMPS5062 into an electronic circuit, the following pins are essential: | Pin Name | Function | Connection | | :--- | :--- | :--- | | **VDD** | Power Supply | 3.3V or 5V | | **GND** | Ground | System Ground | | **SDA** | I2C Data Line | Pull-up resistor to VDD | | **SCL** | I2C Clock Line | Pull-up resistor to VDD | | **INT** | Interrupt Output | Input pin on Microcontroller | | **CH0 - CHn** | Sensing Channels | Connected to copper pads/touch areas | --- ### 4. Implementation Example (Pseudocode) When programming for this part, you communicate via the I2C bus. Below is a conceptual example of how to read the touch status: ```python import i2c_library # Device Address (Example: 0x50) DEVICE_ADDR = 0x50 def get_touch_status(): # Read the status register (usually 0x00 or 0x01) status = i2c_library.read_byte(DEVICE_ADDR, 0x00) # Check if bit 0 is high (Channel 1 touched) if (status & 0x01): print("Button 1 Pressed") return status ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific register addresses for sensitivity adjustment in the CMPS5062?
    • ⤷ What is the maximum capacitance load supported per sensing channel?
    • ⤷ How does the CMPS5062 handle electromagnetic interference (EMI) in industrial environments?